Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB3231 Datasheet(PDF) 9 Page - ON Semiconductor

Part # SB3231
Description  Pre-configured DSP System
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB3231 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button SB3231 Datasheet HTML 5Page - ON Semiconductor SB3231 Datasheet HTML 6Page - ON Semiconductor SB3231 Datasheet HTML 7Page - ON Semiconductor SB3231 Datasheet HTML 8Page - ON Semiconductor SB3231 Datasheet HTML 9Page - ON Semiconductor SB3231 Datasheet HTML 10Page - ON Semiconductor SB3231 Datasheet HTML 11Page - ON Semiconductor SB3231 Datasheet HTML 12Page - ON Semiconductor SB3231 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
RHYTHM SB3231
www.onsemi.com
9
Reduction algorithm efficiently removes a wide variety of
types of noise, while retaining natural speech quality and
level. The level of noise reduction (aggressiveness) is
configurable to 3, 6, 9 and 12 dB of reduction.
FrontWave Directional Microphones
The FrontWave feature is implemented in two front−end
modes on Rhythm SB3231: static directional and
two−microphone omnidirectional. Both these front−end
modes are designed to operate using two closely spaced
omnidirectional microphones connected to the VIN1 and
VIN2 inputs.
In static directional mode, FrontWave synthesizes
a directional
response
pattern
by
delaying
the
rear−microphone signal and subtracting it from the front
microphone signal. Various microphone response patterns
can be obtained by adjusting the rear−microphone time
delay.
In two−microphone omnidirectional mode, FrontWave
synthesizes a secondary omnidirectional response pattern
by delaying the front microphone signal and adding it to the
rear microphone signal. The resulting omnidirectional
microphone signal possesses a noise floor that is
approximately 3 dB lower than that provided by a single
microphone (assuming both microphones have similar noise
floors).
The FrontWave feature includes three parameters that can
be set via external software: time delay, rear−microphone
compensation filter and a low−frequency boost filter
intended for static directional mode. Time delay can be
configured using IDS software. It determines the polar
patter in static directional mode and accounts for
microphone spacing in two−microphone omnidirectional
mode. The rear−microphone compensation filter provides
a means to adjust the rear−microphone sensitivity so that it
can better match the front microphone. It is controlled
automatically
through
Cal/Config
software.
The
low−frequency boost filter compensates for the 6 dB/octave
roll−off in frequency response that occurs in directional
mode. The amount of low frequency equalization is
programmable through IDS.
NOTE:
For optimum FrontWave operation,
ON Semiconductor recommends using matched
microphone pairs.
The time delay implemented using FrontWave is not
explicitly limited within the system. Optimum accuracy is
obtained, however, for smaller time delays. For example, in
32 kHz operation, a time delay of 81.5 microseconds can be
achieved with a maximum deviation of 5% over a bandwidth
of 0 to 4 kHz. This allows a microphone port spacing of
approximately 28 mm. For 16 kHz operation, a similar
accuracy is observed for a time delay of 78.1 microseconds,
corresponding to a port spacing of approximately 26.8 mm.
Smaller time delays can be implemented with improved
accuracy.
Volume Control, Trimmers and Switches
External Volume Control
The volume of the device can either be set statically via
software or controlled externally via a physical interface.
Rhythm SB3231 supports both analog and digital volume
control functionality, although only one can be enabled at
a time. Digital control is supported with either a momentary
switch or a rocker switch. In the latter case, the rocker switch
can also be used to control memory selects.
Analog Volume Control
Both the external (analog) volume control and trimmers
work with a three−terminal 100 k
W − 360 kW variable
resistor. The volume control can have either a log or linear
taper, which is selectable via IDS. It is possible to use a VC
with up to 1 M
W of resistance, but this could result in a slight
decrease in the resolution of the taper.
Trimmers
The trimmer interface provides the ability to control up to
19 hearing aid parameters through up to four trimmers.
A single trimmer parameter can have up to 16 values and
a single trimmer can control multiple parameters (e.g.,
Trimmer 1 can control compression ratio in all four channels
simultaneously). The trimmer must be three−terminal
100 k
W to 360 kW variable resistors and have a linear taper.
Parameters that can be assigned to trimmers include Noise
Reduction, Low Cut, High Cut, Compression Ratio,
Wideband
Gain,
Tinnitus
Noise
Level,
Crossover
Frequency, Lower Threshold, Upper Threshold, EQ Gain,
Squelch Threshold, High Level Gain, Low Level Gain,
AGC−O Threshold, Static Volume Control and Peak Clipper
Threshold.
NOTE:
There may be limitations to which parameters
can be used together.
Digital Volume Control
The digital volume control makes use of two pins for
volume
control
adjustment,
VC
and
D_VC,
with
momentary switches connected to each. Closure of the
switch to the VC pin indicates a gain increase while closure
to the D_VC pin indicates a gain decrease. Figure 7 shows
how to wire the digital volume control to Rhythm SB3231.
Figure 7. Wiring for Digital Volume Control
D_VC
VC
GND


Similar Part No. - SB3231

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
More results

Similar Description - SB3231

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
GA3227 ONSEMI-GA3227 Datasheet
165Kb / 13P
   Pre-configured DSP System
January, 2015 ??Rev. 6
GA3284 ONSEMI-GA3284 Datasheet
203Kb / 15P
   Pre-configured DSP System
August, 2015 ??Rev. 6
SA3286 ONSEMI-SA3286 Datasheet
289Kb / 16P
   Pre-configured DSP System
July, 2015 ??Rev. 2
GA3219 ONSEMI-GA3219 Datasheet
211Kb / 14P
   Pre-configured DSP System
August, 2015 ??Rev. 4
GA3216 ONSEMI-GA3216 Datasheet
212Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev. 12
GA3285 ONSEMI-GA3285 Datasheet
225Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev 3
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
   Pre-fit DSP Solution
February, 2015 ??Rev. 1
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com