Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA3286-E1 Datasheet(PDF) 7 Page - ON Semiconductor

Part # SA3286-E1
Description  Pre-configured DSP System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA3286-E1 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button SA3286-E1 Datasheet HTML 3Page - ON Semiconductor SA3286-E1 Datasheet HTML 4Page - ON Semiconductor SA3286-E1 Datasheet HTML 5Page - ON Semiconductor SA3286-E1 Datasheet HTML 6Page - ON Semiconductor SA3286-E1 Datasheet HTML 7Page - ON Semiconductor SA3286-E1 Datasheet HTML 8Page - ON Semiconductor SA3286-E1 Datasheet HTML 9Page - ON Semiconductor SA3286-E1 Datasheet HTML 10Page - ON Semiconductor SA3286-E1 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
INSPIRIA SA3286
www.onsemi.com
7
In the Telecoil mode gains are trimmed during Cal/Config
process to compensate for microphone/telecoil mismatches.
The FrontWave block is followed by four cascaded biquad
filters: pre1, pre2, pre3 and pre4. These filters can be used
for frequency response shaping before the signal goes
through channel and adaptive processing.
The channel and adaptive processing consists of the
following:
Frequency band analysis
1, 2, 4, 6 or 8 channel WDRC
16 frequency shaping bands (spaced linearly at 500 Hz
intervals, except for first and last bands)
128 frequency band adaptive noise reduction
Frequency band synthesis
After the processing the signal goes through two more
biquad filters, post1 and post2, which are followed by the
AGC−O block. The AGC−O block incorporates the
Wideband Gain and the Volume Control. There are also two
more biquad filters, post3 and post4, and the Peak Clipper.
The last stage in the signal path is the D/A H−bridge.
White noise can be shaped, attenuated and then added into
the signal path at two possible locations: before the Volume
Control (between the Wideband Gain and the Volume
Control) or after the Volume Control (between post 4 and the
Peak Clipper) as shown in Figure 1.
Functional Block Description
iSceneDetect 1.0 Environment Classification
The iSceneDetect feature, when enabled, will sense the
environment and automatically control the enhancement
algorithms without any user involvement. It will detect
speech in quiet, speech in noise, wind, music, quiet and noise
environments and make the necessary adjustments to the
parameters in the audio path, such as ADM, ANR, WDRC,
FBC, in order to optimize the hearing aid settings for the
specific environment.
iSceneDetect will gradually make the adjustments so the
change in settings based on the environment is smooth and
virtually unnoticeable. This feature will enable the hearing
aid wearer to have an instrument which will work in any
environment with a single memory.
EVOKE Advanced Acoustic Indicators
Advanced acoustic indicators provide alerting sounds that
are more complex, more pleasing and potentially more
meaningful to the end user than the simple tones used on
previous products. The feature is capable of providing
pulsed, multi−frequency pure tones with smooth on and off
transitions and also damped, multi−frequency tones that can
simulate musical notes or chords.
A unique indicator sound can be assigned to each of the
seven system events: memory select (A, B, C or D), low
battery warning, digital VC movement and digital VC
minimum/maximum. Each sound can consist of a number of
either pure tones or damped tones but not both.
A pure tone sound can consist of up to four tones, each
with a separate frequency, amplitude, duration and start
time. Each frequency component is smoothly faded in and
out with a fade time of 64 ms. The start time indicates the
beginning of the fade in. The duration includes the initial
fade−in period. By manipulating the frequencies, start times,
durations and amplitudes various types of sounds can be
obtained (e.g., various signalling tones in the public
switched telephone network).
A damped tone sound can consist of up to six tones, each
with a separate frequency, amplitude, duration, start time
and decay time. Each frequency component starts with a
sudden onset and then decays according to the specified time
constant. This gives the audible impression of a chime or
ring. By manipulating the frequencies, start times,
durations, decays and amplitudes, various musical melodies
can be obtained.
Acoustic indication can be used without the need to
completely fade out the audio path. For example, the
low−battery indicator can be played out and the user can still
hear an attenuated version of the conversation.
Adaptive Feedback Canceller
The Adaptive Feedback Canceller (AFC) reduces
acoustic feedback by forming an estimate of the hearing aid
feedback signal and then subtracting this estimate from the
hearing aid input. The forward path of the hearing aid is not
affected. Unlike adaptive notch filter approaches, the
Inspiria SA3286’s AFC does not reduce the hearing aid’s
gain. The AFC is based on a time−domain model of the
feedback path.
The third-generation AFC (see Figure 5) allows for an
increase in the stable gain1 of the hearing instrument while
minimizing artefacts for music and tonal input signals. As
with previous products, the feedback canceller provides
completely automatic operation.
(Added stable gain will vary based on hearing aid style and
acoustic setup. Please refer to the Adaptive Feedback
Cancellation Information note for more details.)
When the AFC is enabled, it is highly recommended that
you either have all channels with Squelch ON or all channels
with Squelch OFF. If you choose to have all channels with
Squelch ON then there is an additional requirement to have
all Squelch thresholds above the microphone noise floor. If
you require any assistance in determining what threshold
levels to set, please contact the applications department at
ON Semiconductor. Squelch ON/OFF does not incur any
current penalty. When Squelch and AFC are both ON, the
Squelch is limited to 1:2 expansion.


Similar Part No. - SA3286-E1

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA32-11SRWA KINGBRIGHT-SA32-11SRWA Datasheet
61Kb / 3P
   8mm (0.32INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
ON Semiconductor
SA3229 ONSEMI-SA3229 Datasheet
128Kb / 16P
   Preconfigured DSP System
May, 2016 ??Rev. 0
SA3229-E1 ONSEMI-SA3229-E1 Datasheet
128Kb / 16P
   Preconfigured DSP System
May, 2016 ??Rev. 0
SA3229-E1-T ONSEMI-SA3229-E1-T Datasheet
128Kb / 16P
   Preconfigured DSP System
May, 2016 ??Rev. 0
logo
List of Unclassifed Man...
SA3244 ETC2-SA3244 Datasheet
96Kb / 2P
   Screw Terminal Inserts - fit all body styles
More results

Similar Description - SA3286-E1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
GA3227 ONSEMI-GA3227 Datasheet
165Kb / 13P
   Pre-configured DSP System
January, 2015 ??Rev. 6
GA3284 ONSEMI-GA3284 Datasheet
203Kb / 15P
   Pre-configured DSP System
August, 2015 ??Rev. 6
GA3219 ONSEMI-GA3219 Datasheet
211Kb / 14P
   Pre-configured DSP System
August, 2015 ??Rev. 4
GA3216 ONSEMI-GA3216 Datasheet
212Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev. 12
GA3285 ONSEMI-GA3285 Datasheet
225Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev 3
SB3231 ONSEMI-SB3231 Datasheet
142Kb / 18P
   Pre-configured DSP System
November, 2014 ??Rev. 4
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
   Pre-fit DSP Solution
February, 2015 ??Rev. 1
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com