Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA3286 Datasheet(PDF) 10 Page - ON Semiconductor

Part # SA3286
Description  Pre-configured DSP System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA3286 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button SA3286 Datasheet HTML 6Page - ON Semiconductor SA3286 Datasheet HTML 7Page - ON Semiconductor SA3286 Datasheet HTML 8Page - ON Semiconductor SA3286 Datasheet HTML 9Page - ON Semiconductor SA3286 Datasheet HTML 10Page - ON Semiconductor SA3286 Datasheet HTML 11Page - ON Semiconductor SA3286 Datasheet HTML 12Page - ON Semiconductor SA3286 Datasheet HTML 13Page - ON Semiconductor SA3286 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
INSPIRIA SA3286
www.onsemi.com
10
HRX Head Room Expander
The Inspiria SA3286 has an enhanced Head Room
Expander (HRX) circuit that increases the input dynamic
range of the Inspiria SA3286 without any audible artifacts.
This is accomplished by dynamically adjusting the
pre−amplifier’s gain and the post−A/D attenuation
depending on the input level.
Channel Processing
Figure 6 represents the I/O characteristic of independent
AGC channel processing. The I/O curve can be divided into
the following main regions:
Low input level expansion (squelch) region
Low input level linear region
Compression region
High input level linear region (return to linear)
Figure 6. Independent Channel I/O Curve Flexibility
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
−120 −110 −100 −90 −80 −70 −60 −50 −40 −30 −20
INPUT LEVEL (dBV)
Low Level
Gain
Compression
Ratio
High Level
Gain
Squelch
Threshold
Lower
Threshold
Upper
Threshold
The I/O characteristic of the channel processing can be
adjusted in the following ways:
Squelch threshold (SQUELCHTH)
Low level gain (LLGAIN)
Lower threshold (LTH)
High level gain (HLGAIN)
Upper threshold (UTH)
Compression ratio (CR)
To ensure that the I/O characteristics are continuous, it is
necessary to limit adjustment to a maximum of four of the
last five parameters. During Parameter Map creation, it is
necessary to select four parameters as user adjustable, or
fixed, and to allow one parameter to be calculated.
The squelch region within each channel implements a low
level noise reduction scheme (1:2 or 1:3 expansion ratio) for
listener comfort. This scheme operates in quiet listening
environments (programmable threshold) to reduce the gain
at very low levels. When the Squelch and AFC are both
enabled it is highly recommended that the Squelch be turned
on in all channels and that the Squelch thresholds be set
above the microphone noise floor (see Adaptive Feedback
Canceller).
The number of compression channels is programmable in
ARKonline® and can be 1, 2, 4, 6 or 8.
Telecoil Path
The telecoil input is calibrated during the Cal/Config
process. To compensate for the telecoil/microphone
frequency response mismatch, a first order filter with
500 Hz corner frequency is implemented. Through
ARKonline, it is possible to implement a telecoil
compensation filter with an adjustable corner frequency. To
accommodate for the gain mismatch, the telecoil gain is
adjusted to match the microphone gain at 500 Hz or 1 kHz
(default) and is selectable in ARKonline.
There is also a telecoil gain adjustment parameter that can
be enabled in ARKonline and set in IDS, enabling manual
adjustment of the telecoil gain compensation.
Automatic Telecoil
The Inspiria SA3286 is equipped with an automatic
telecoil feature, which causes the hybrid to switch to a
specific memory upon the closing of a switch connected to
MS2. This feature is useful when MS2 is connected to a
switch, such as a reed switch, that is open or closed
depending on the presence of a static magnetic field.
Memory D can be programmed to be the telecoil or
mic+telecoil memory so that, when a telephone handset is
brought close to such a switch, its static magnetic field closes
the switch and causes the hybrid to change to memory D.
However, it is possible that the hearing aid wearer may move
his or her head away from the telephone handset
momentarily, in which case it is undesirable to immediately
change out of telecoil mode and then back in moments later.
The Inspiria SA3286 has a debounce circuit that prevents
this needless switching. The debounce circuit delays the
device from switching out of memory D when MS2 is
configured at a static switch in ‘D−only’ mode. The
debounce time is programmable to be 1.5, 3.5 or 5.5 seconds
after the switch opens (i.e., the handset is moved away from
the hearing instrument) or this feature can be disabled.
DAI Path
The DAI input can be adjusted using a first order filter
with a variable corner frequency similar to the telecoil
compensation filter. Through ARKonline, it is possible to
implement this DAI filter to set either a static or adjustable
corner frequency.
The Mic plus DAI mode mixes the Mic1 and DAI signals.
The Mic1 input signal is attenuated by 0, −6 or −12 dB before
being added to the DAI input signal. The DAI input also has
gain adjustment in 1 dB steps to assist in matching it to the
Mic1 input level.
Graphic Equalizer
The Inspiria SA3286 has a 16−band graphic equalizer.
The bands are spaced linearly at 500 Hz intervals, except for
the first and the last band, and each one provides up to 24 dB
of gain adjustment in 1 dB increments.


Similar Part No. - SA3286

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA32-11SRWA KINGBRIGHT-SA32-11SRWA Datasheet
61Kb / 3P
   8mm (0.32INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
ON Semiconductor
SA3229 ONSEMI-SA3229 Datasheet
128Kb / 16P
   Preconfigured DSP System
May, 2016 ??Rev. 0
SA3229-E1 ONSEMI-SA3229-E1 Datasheet
128Kb / 16P
   Preconfigured DSP System
May, 2016 ??Rev. 0
SA3229-E1-T ONSEMI-SA3229-E1-T Datasheet
128Kb / 16P
   Preconfigured DSP System
May, 2016 ??Rev. 0
logo
List of Unclassifed Man...
SA3244 ETC2-SA3244 Datasheet
96Kb / 2P
   Screw Terminal Inserts - fit all body styles
More results

Similar Description - SA3286

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
GA3227 ONSEMI-GA3227 Datasheet
165Kb / 13P
   Pre-configured DSP System
January, 2015 ??Rev. 6
GA3284 ONSEMI-GA3284 Datasheet
203Kb / 15P
   Pre-configured DSP System
August, 2015 ??Rev. 6
GA3219 ONSEMI-GA3219 Datasheet
211Kb / 14P
   Pre-configured DSP System
August, 2015 ??Rev. 4
GA3216 ONSEMI-GA3216 Datasheet
212Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev. 12
GA3285 ONSEMI-GA3285 Datasheet
225Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev 3
SB3231 ONSEMI-SB3231 Datasheet
142Kb / 18P
   Pre-configured DSP System
November, 2014 ??Rev. 4
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
   Pre-fit DSP Solution
February, 2015 ??Rev. 1
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com