Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3910-CFAB-E1B Datasheet(PDF) 2 Page - ON Semiconductor

Part # R3910-CFAB-E1B
Description  Preconfigured DSP System
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R3910-CFAB-E1B Datasheet(HTML) 2 Page - ON Semiconductor

  R3910-CFAB-E1B Datasheet HTML 1Page - ON Semiconductor R3910-CFAB-E1B Datasheet HTML 2Page - ON Semiconductor R3910-CFAB-E1B Datasheet HTML 3Page - ON Semiconductor R3910-CFAB-E1B Datasheet HTML 4Page - ON Semiconductor R3910-CFAB-E1B Datasheet HTML 5Page - ON Semiconductor R3910-CFAB-E1B Datasheet HTML 6Page - ON Semiconductor R3910-CFAB-E1B Datasheet HTML 7Page - ON Semiconductor R3910-CFAB-E1B Datasheet HTML 8Page - ON Semiconductor R3910-CFAB-E1B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
RHYTHM R3910
www.onsemi.com
2
Other Key Features − R3910 also supports the following
features: FrontWave® directional processing, built−in
feedback path measurement, cross fading between audio
paths for click−free program changes, 16−band graphic
equalizer, 8 generic biquad filters (configurable as
parametric or other filter types), programming speed
enhancements, optional peak clipping, flexible compression
adjustments, direct interfaces to analog or digital volume
control, rocker switch, direct audio input and telecoil.
R3910 also encompasses industry−leading security features
to avoid cloning and software piracy.
Features
Advanced Research Algorithms:
iSceneDetect Environmental Classification
Automatic Adaptive Directional Microphones (ADM)
FrontWave Directionality
128−band Adaptive Noise Reduction
Adaptive Feedback Cancellation (AFC)
iLog 4.0 Datalogging
Tinnitus Masking Noise Generator
Evoke Acoustic Indicators
Auto Telecoil with Programmable Delay
1, 2, 4, 6 or 8 Channel WDRC
Feedback Path Measurement Tool
AGC−O with Variable Threshold, Time Constants, and
Optional Adaptive Release
16−band Graphic Equalizer
Narrow−Band Noise Stimulus
SDA or I2C Programming
8 Biquadratic Filters
4 Analog Inputs
16 kHz or 8 kHz Bandwidth
6 Fully Configurable Memories with Audible Memory
Change Indicator
96 dB Input Dynamic Range with HRXt Headroom
Extension
128−bit Fingerprint Security System and Other Security
Features to Protect Against Device Cloning and
Software Piracy
High Fidelity Audio CODEC
Soft Acoustic Fade between Memory Changes
Drives Zero−Bias 2−Terminal Receivers
Internal or External Digital Volume Control with
Programmable Range
Rocker Switch Support
Support for Active Hi or Active Lo Switching
20−bit Audio Processing
thinSTAX Packaging
E1 RoHS Compliant Hybrid
These Devices are Pb−Free and are RoHS Compliant
thinSTAX) Packaging
Hybrid Typical Dimensions:
0.220 x 0.125 x 0.060 in.
(5.59 x 3.18 x 1.52 mm)


Similar Part No. - R3910-CFAB-E1B

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
R391 REYCONNS-R391 Datasheet
177Kb / 5P
   SAW Resonator
More results

Similar Description - R3910-CFAB-E1B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
GB3225 ONSEMI-GB3225 Datasheet
113Kb / 7P
   Preconfigured DSP System
February, 2014 ??Rev. 2
R3710 ONSEMI-R3710_16 Datasheet
147Kb / 18P
   Preconfigured DSP System
June, 2016 ??Rev. 6
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
R3920 ONSEMI-R3920 Datasheet
219Kb / 13P
   Preconfigured DSP System
August, 2015 ??Rev. 4
GA3224 ONSEMI-GA3224 Datasheet
115Kb / 7P
   Preconfigured DSP System
February, 2014 ??Rev. 2
R3710 ONSEMI-R3710 Datasheet
147Kb / 18P
   Preconfigured DSP System
December, 2015 ??Rev. 5
SA3229 ONSEMI-SA3229 Datasheet
128Kb / 16P
   Preconfigured DSP System
May, 2016 ??Rev. 0
SA3291 ONSEMI-SA3291_16 Datasheet
181Kb / 21P
   Preconfigured Wireless DSP System
April, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com