Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100329 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100329
Description  Low Power Octal ECL/TTL Bidirectional Translator with Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100329 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  100329 Datasheet HTML 1Page - National Semiconductor (TI) 100329 Datasheet HTML 2Page - National Semiconductor (TI) 100329 Datasheet HTML 3Page - National Semiconductor (TI) 100329 Datasheet HTML 4Page - National Semiconductor (TI) 100329 Datasheet HTML 5Page - National Semiconductor (TI) 100329 Datasheet HTML 6Page - National Semiconductor (TI) 100329 Datasheet HTML 7Page - National Semiconductor (TI) 100329 Datasheet HTML 8Page - National Semiconductor (TI) 100329 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Absolute Maximum Ratings (Note 4)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature (T
STG)
−65˚C to +150˚C
Maximum Junction Temperature (T
j)
Ceramic
+175˚C
V
EE Pin Potential to
Ground Pin
−7.0V to +0.5V
V
TTL Pin Potential to
Ground Pin
−0.5V to +6.0V
ECL Input Voltage (DC)
V
EE to +0.5V
ECL Output Current
(DC Output HIGH)
−50 mA
TTL Input Voltage (Note 6)
−0.5V to +6.0V
TTL Input Current (Note 6)
−30 mA to +5.0 mA
Voltage Applied to Output in HIGH State
TRI-STATE Output
−0.5V to +5.5V
Current Applied to TTL
Output in LOW State (Max)
Twice the Rated I
OL (mA)
ESD (Note 5)
≥2000V
Recommended Operating
Conditions
Case Temperature (T
C)
Military
–55˚C to +125˚C
ECL Supply Voltage (V
EE)
−5.7V to −4.2V
TTL Supply Voltage (V
TTL)
+4.5V to +5.5V
Note 4: Absolute maximum ratings are those values beyond which the de-
vice may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 5: ESD testing conforms to MIL-STD-883, Method 3015.
Note 6: Either voltage limit or current limit is sufficient to protect inputs.
Military Version
TTL-to-ECL DC Electrical Characteristics
V
EE = −4.2V to −5.7V, VCC = VCCA = GND, TC = −55˚C to +125˚C, VTTL = +4.5V to +5.5V
Symbol
Parameter
Min
Max
Units
T
C
Conditions
Notes
V
OH
Output HIGH Voltage
−1025
−870
mV
0˚C to
Loading with
50
Ω to −2.0V
(Notes 7, 8,
9)
+125˚C
−1085
−870
mV
−55˚C
V
IN = VIH (Max)
V
OL
Output LOW Voltage
−1830
−1620
mV
0˚C to
or V
IL (Min)
+125˚C
−1830
−1555
mV
−55˚C
Cutoff Voltage
−1950
mV
0˚C to
+125˚C
OE or DIR Low
−1850
mV
−55˚C
V
OHC
Output HIGH Voltage
−1035
mV
0˚C to
(Notes 7, 8,
9)
+125˚C
−1085
mV
−55˚C
V
IN = VIH (Min)
Loading with
V
OLC
Output LOW Voltage
−1610
mV
0˚C to
or V
IL (Max)
50
Ω0 to −2.0V
+125˚C
−1555
mV
−55˚C
V
IH
Input HIGH Voltage
2.0
V
−55˚C to
Over V
TTL,VEE,TC Range
(Notes 7, 8,
9, 10)
+125˚C
V
IL
Input LOW Voltage
0.8
V
−55˚C to
Over V
TTL,VEE,TC Range
(Notes 7, 8,
9, 10)
+125˚C
I
IH
Input HIGH Current
70
µA
−55˚C to
V
IN = +2.7V
(Notes 7, 8,
9)
125˚C
Breakdown Test
1.0
mA
−55˚C to
V
IN = +5.5V
+125˚C
I
IL
Input LOW Current
−1.0
mA
−55˚C to
V
IN = +0.5V
(Notes 7, 8,
9)
+125˚C
V
FCD
Input Clamp
−1.2
V
−55˚C to
I
IN = −18 mA
(Notes 7, 8,
9)
Diode Voltage
+125˚ C
I
EE
V
EE Supply Current
−55˚C to
OE and DIR High
(Notes 7, 8,
9)
Inputs Open
−206
−70
mA
+125˚C
V
EE = −4.2V to −5.7V
www.national.com
4


Similar Part No. - 100329

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100329 FAIRCHILD-100329 Datasheet
111Kb / 11P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
Lapp.
10032900 LAPP-10032900 Datasheet
126Kb / 2P
   EPIC® H-B 10 AG-LB
17.09.2018
logo
Turck, Inc.
1003291 TURCK-1003291 Datasheet
172Kb / 3P
   Inductive Sensor
11/07/2023
1003295 TURCK-1003295 Datasheet
178Kb / 3P
   Inductive Sensor
11/07/2023
logo
Fairchild Semiconductor
100329A FAIRCHILD-100329A Datasheet
88Kb / 8P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
More results

Similar Description - 100329

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100329 NSC-F100329 Datasheet
385Kb / 16P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
Fairchild Semiconductor
100329 FAIRCHILD-100329 Datasheet
111Kb / 11P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
100329A FAIRCHILD-100329A Datasheet
88Kb / 8P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
National Semiconductor ...
100328 NSC-100328 Datasheet
263Kb / 12P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
logo
Fairchild Semiconductor
100328 FAIRCHILD-100328 Datasheet
140Kb / 14P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
logo
National Semiconductor ...
F100328 NSC-F100328 Datasheet
394Kb / 16P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
logo
Texas Instruments
SN10KHT5539 TI1-SN10KHT5539 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN100KT5541 TI1-SN100KT5541 Datasheet
121Kb / 8P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN10KHT5541 TI-SN10KHT5541 Datasheet
90Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN100KT5539 TI1-SN100KT5539 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com