Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS9031 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NLAS9031
Description  SPDT Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS9031 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NLAS9031 Datasheet HTML 2Page - ON Semiconductor NLAS9031 Datasheet HTML 3Page - ON Semiconductor NLAS9031 Datasheet HTML 4Page - ON Semiconductor NLAS9031 Datasheet HTML 5Page - ON Semiconductor NLAS9031 Datasheet HTML 6Page - ON Semiconductor NLAS9031 Datasheet HTML 7Page - ON Semiconductor NLAS9031 Datasheet HTML 8Page - ON Semiconductor NLAS9031 Datasheet HTML 9Page - ON Semiconductor NLAS9031 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NLAS9031
http://onsemi.com
10
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.25 AND 0.30mm FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
C
A
SEATING
PLANE
D
B
E
0.10 C
A3
A
A1
2X
2X
0.10 C
WDFN6 1.2x1.0, 0.4P
CASE 506AS−01
ISSUE B
DIM
A
MIN
MAX
MILLIMETERS
0.70
0.80
A1
0.00
0.05
A3
0.20 REF
b
0.15
0.25
D
E
e
L
PIN ONE
REFERENCE
0.08 C
0.10 C
7X
A
0.10 C
NOTE 3
L1
e
b
B
3
6
6X
1
4
0.05 C
4X
MOUNTING FOOTPRINT*
L1
1.20 BSC
1.00 BSC
0.40 BSC
0.30
0.40
0.40
0.50
BOTTOM VIEW
L
5X
DIMENSIONS: MILLIMETERS
0.22
6X
0.42
6X
1.07
0.40
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any
liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over
time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under
its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body,
or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death
may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees,
subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of
personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part.
SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NLAS9031/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NLAS9031

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS9041 ONSEMI-NLAS9041 Datasheet
171Kb / 9P
   SPDT, Switch
April, 2007 ??Rev. 0
NLAS9041DFT2G ONSEMI-NLAS9041DFT2G Datasheet
171Kb / 9P
   SPDT, Switch
April, 2007 ??Rev. 0
NLAS9051 ONSEMI-NLAS9051 Datasheet
189Kb / 9P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9051MNR2G ONSEMI-NLAS9051MNR2G Datasheet
189Kb / 9P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9099 ONSEMI-NLAS9099 Datasheet
125Kb / 10P
   Dual DPDT Ultra-Low R Switch
July, 2007 - Rev. P2
More results

Similar Description - NLAS9031

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18 MINI-MSP2T-18 Datasheet
84Kb / 1P
   SPDT Switch
logo
BeRex Corporation
BSW841 BEREX-BSW841_16 Datasheet
766Kb / 5P
   SPDT Switch
logo
Pasternack Enterprises,...
PE71S6096 PASTERNACK-PE71S6096 Datasheet
438Kb / 4P
   SPDT Switch
PE71S6111 PASTERNACK-PE71S6111 Datasheet
427Kb / 4P
   SPDT Switch
PE71S6112 PASTERNACK-PE71S6112 Datasheet
413Kb / 4P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18XL MINI-MSP2T-18XL Datasheet
533Kb / 4P
   SPDT Switch
MSP2T-26XL MINI-MSP2T-26XL Datasheet
537Kb / 4P
   SPDT Switch
logo
Sanyo Semicon Device
SPM3252 SANYO-SPM3252 Datasheet
18Kb / 3P
   SPDT Switch
logo
ON Semiconductor
NLAS9041 ONSEMI-NLAS9041 Datasheet
171Kb / 9P
   SPDT, Switch
April, 2007 ??Rev. 0
logo
Pasternack Enterprises,...
PE71S6101 PASTERNACK-PE71S6101 Datasheet
431Kb / 4P
   SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com