Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100325 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100325
Description  Low Power Hex ECL-to-TTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100325 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  100325 Datasheet HTML 1Page - National Semiconductor (TI) 100325 Datasheet HTML 2Page - National Semiconductor (TI) 100325 Datasheet HTML 3Page - National Semiconductor (TI) 100325 Datasheet HTML 4Page - National Semiconductor (TI) 100325 Datasheet HTML 5Page - National Semiconductor (TI) 100325 Datasheet HTML 6Page - National Semiconductor (TI) 100325 Datasheet HTML 7Page - National Semiconductor (TI) 100325 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Test Circuits (Continued)
DS100314-8
Notes:
VCC = 0V, VEE = −4.5V, VTTL = +5V
L1 and L2 = equal length 50
Ω impedance lines
RT = 50Ω terminator internal to scope
Decoupling 0.1 µF from GND to VCC,VEE and VTTL
All unused outputs are loaded with 500
Ω to GND
CL = Fixture and stray capacitance = 50 pF
FIGURE 3. AC Test Circuit for 50 pF Loading
www.national.com
6


Similar Part No. - 100325

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100325 FAIRCHILD-100325 Datasheet
87Kb / 9P
   Low Power Hex ECL-to-TTL Translator
logo
Texas Instruments
100325 TI1-100325 Datasheet
163Kb / 8P
[Old version datasheet]   Low Power Hex ECL-to-TTL Translator
logo
Fairchild Semiconductor
100325PC FAIRCHILD-100325PC Datasheet
87Kb / 9P
   Low Power Hex ECL-to-TTL Translator
100325QC FAIRCHILD-100325QC Datasheet
87Kb / 9P
   Low Power Hex ECL-to-TTL Translator
100325QI FAIRCHILD-100325QI Datasheet
87Kb / 9P
   Low Power Hex ECL-to-TTL Translator
More results

Similar Description - 100325

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100325 NSC-F100325 Datasheet
171Kb / 7P
   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324 Datasheet
103Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
Fairchild Semiconductor
100324 FAIRCHILD-100324 Datasheet
82Kb / 8P
   Low Power Hex TTL-to-ECL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324_06 Datasheet
506Kb / 6P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
SY100S325 MICREL-SY100S325 Datasheet
100Kb / 5P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
logo
Texas Instruments
100325 TI1-100325 Datasheet
163Kb / 8P
[Old version datasheet]   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S325 MICREL-SY100S325_06 Datasheet
503Kb / 6P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
SY100S324 MICREL-SY100S324_07 Datasheet
86Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
Fairchild Semiconductor
100325 FAIRCHILD-100325 Datasheet
87Kb / 9P
   Low Power Hex ECL-to-TTL Translator
logo
National Semiconductor ...
100324 NSC-100324 Datasheet
117Kb / 6P
   Low Power Hex TTL-to-ECL Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com