Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARLP11-4169 Datasheet(PDF) 1 Page - Allied Components International

Part # ARLP11-4169
Description  1000 Base-T for Ethernet Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

ARLP11-4169 Datasheet(HTML) 1 Page - Allied Components International

  ARLP11-4169 Datasheet HTML 1Page - Allied Components International ARLP11-4169 Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
01/16/2015
All specifications subject to change without notice.
MECHANICAL
Single Port RJ45 Connector
ARLP11-4169
1000 Base-T for Ethernet Applications
Standard Temp: 0ºC to + 70ºC
Contact Factory Industrial Temp.
Desgined to meet IEEE802.3af standards
Low Profile
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 0.1V
Turns Ratio
chip: cable
( ± 5%)
Cross Talk
(dB Min)
With 8mA DC Bias
1-100MHz
ARLP11-4169
350
1CT:1CT
-30
Electrical Specifications @ 25°C
Part
Number
Insertion Loss
(dB Max)
Return Loss
(dB Min) @ Load 100 Ohm
Common to Common Mode
(dB Min)
100-125 MHz
1-40MHz
ARLP11-4169
-1.2
-16
-30
1-100MHz
-1.0
80-100MHz
-8
40-60MHz
-12
1-100MHz
60-80MHz
-10
Isolation
2250VDC
PHY Side to Line Side


Similar Part No. - ARLP11-4169

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
ARLP11-4100 ALLIED-ARLP11-4100 Datasheet
1Mb / 2P
   10/100/1000 Gigabit for Ethernet and Networking Applications
ARLP11-4178 ALLIED-ARLP11-4178 Datasheet
2Mb / 2P
   10/100/1000 Gigabit for Ethernet and other Networking Applications
More results

Similar Description - ARLP11-4169

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR14-4214I ALLIED-AR14-4214I Datasheet
3Mb / 2P
   1000 Base-T for Ethernet Applications
AR11-4299 ALLIED-AR11-4299 Datasheet
2Mb / 2P
   10/100/1000 Base-T for Ethernet Applications
AR11-4047 ALLIED-AR11-4047 Datasheet
2Mb / 2P
   10/100/1000 Base-T for Ethernet Applications
logo
Bothhand USA, LP.
GP5429M-1-LF BOTHHAND-GP5429M-1-LF Datasheet
386Kb / 2P
   Designed for Ethernet 10/100/1000 BASE-T, applications
logo
Allied Components Inter...
AR21-4186 ALLIED-AR21-4186 Datasheet
1Mb / 2P
   10/100/1000 Base-T Gigabit for Ethernet Applications
logo
Bothhand USA, LP.
G4P109-A-LF BOTHHAND-G4P109-A-LF Datasheet
352Kb / 2P
   Designed for Ethernet 1000 BASE-T, full Quad port applications
GP5829NY-LF BOTHHAND-GP5829NY-LF Datasheet
434Kb / 2P
   Designed for Ethernet 1000 BASE-T, full quad port applications.
HG4P-LF BOTHHAND-HG4P-LF Datasheet
262Kb / 2P
   Designed for Ethernet 1000 BASE-T, full Quad port applications.
G4P109N-B-LF BOTHHAND-G4P109N-B-LF Datasheet
352Kb / 2P
   Designed for Ethernet 1000 BASE-T, full Quad port applications
logo
Allied Components Inter...
AR11-4161I ALLIED-AR11-4161I Datasheet
861Kb / 2P
   Single Port RJ45 Connector, 1000 Base-T for Ethernet Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com