Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100324 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100324
Description  Low Power Hex TTL-to-ECL Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100324 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  100324 Datasheet HTML 1Page - National Semiconductor (TI) 100324 Datasheet HTML 2Page - National Semiconductor (TI) 100324 Datasheet HTML 3Page - National Semiconductor (TI) 100324 Datasheet HTML 4Page - National Semiconductor (TI) 100324 Datasheet HTML 5Page - National Semiconductor (TI) 100324 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
100324
Low Power Hex TTL-to-ECL Translator
General Description
The 100324 is a hex translator, designed to convert TTL
logic levels to 100K ECL logic levels. The inputs are compat-
ible with standard or Schottky TTL. A common Enable (E),
when LOW, holds all inverting outputs HIGH and holds all
true outputs LOW. The differential outputs allow each circuit
to be used as an inverting/non-inverting translator, or as a
differential line driver. The output levels are voltage compen-
sated over the full −4.2V to −5.7V range.
When the circuit is used in the differential mode, the 100324,
due to its high common mode rejection, overcomes voltage
gradients between the TTL and ECL ground systems. The
V
EE and VTTL power may be applied in either order.
The 100324 is pin and function compatible with the 100124
with similar AC performance, but features power dissipation
roughly half of the 100124 to ease system cooling require-
ments.
Features
n Pin/function compatible with 100124
n Meets 100124 AC specifications
n 50% power reduction of the 100124
n Differential outputs
n 2000V ESD protection
n −4.2V to −5.7V operating range
n Standard Microcircuit Drawing
(SMD) 5962-9153001
Logic Diagram
Pin Names
Description
D
0–D5
Data Inputs
E
Enable Input
Q
0–Q5
Data Outputs
Q
0–Q5
Complementary
Data Outputs
DS100313-4
August 1998
© 1998 National Semiconductor Corporation
DS100313
www.national.com


Similar Part No. - 100324

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100324 FAIRCHILD-100324 Datasheet
82Kb / 8P
   Low Power Hex TTL-to-ECL Translator
logo
Texas Instruments
100324 TI1-100324 Datasheet
153Kb / 6P
[Old version datasheet]   Low Power Hex TTL-to-ECL Translator
logo
Turck, Inc.
1003240 TURCK-1003240 Datasheet
142Kb / 3P
   Inductive Sensor
11/07/2023
1003241 TURCK-1003241 Datasheet
168Kb / 3P
   Inductive Sensor
11/07/2023
logo
Fairchild Semiconductor
100324PC FAIRCHILD-100324PC Datasheet
82Kb / 8P
   Low Power Hex TTL-to-ECL Translator
More results

Similar Description - 100324

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100325 NSC-F100325 Datasheet
171Kb / 7P
   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324 Datasheet
103Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
National Semiconductor ...
100325 NSC-100325 Datasheet
125Kb / 8P
   Low Power Hex ECL-to-TTL Translator
logo
Fairchild Semiconductor
100324 FAIRCHILD-100324 Datasheet
82Kb / 8P
   Low Power Hex TTL-to-ECL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324_06 Datasheet
506Kb / 6P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
SY100S325 MICREL-SY100S325 Datasheet
100Kb / 5P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
logo
Texas Instruments
100325 TI1-100325 Datasheet
163Kb / 8P
[Old version datasheet]   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S325 MICREL-SY100S325_06 Datasheet
503Kb / 6P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
SY100S324 MICREL-SY100S324_07 Datasheet
86Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
Fairchild Semiconductor
100325 FAIRCHILD-100325 Datasheet
87Kb / 9P
   Low Power Hex ECL-to-TTL Translator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com