Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100323 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. 100323
Description  Low Power Hex Bus Driver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

100323 Datasheet(HTML) 4 Page - National Semiconductor (TI)

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
V
EE = −4.2V to −5.7V, VCC = VCCA = GND
Symbol
Parameter
T
C = −55˚C
T
C = +25˚C
T
C = +125˚C
Units
Conditions
Min
Max
Min
Max
Min
Max
t
PZH
Propagation Delay
0.70
3.70
1.10
3.60
1.20
3.60
ns
Figures 1, 2
t
PHZ
Data to Output
0.50
3.60
1.10
3.10
1.20
3.50
t
PZH
Propagation Delay
0.60
3.60
1.10
3.60
1.30
3.80
ns
t
PHZ
Data Enable to Output
1.00
4.20
1.50
3.60
1.60
4.00
t
PZH
Propagation Delay
0.70
3.60
1.00
3.50
1.20
3.60
ns
t
PHZ
Common Enable to Output
0.90
4.00
1.40
3.40
1.40
3.80
t
TZH
Transition Time
0.20
2.00
0.20
2.00
0.20
2.00
ns
t
THZ
20% to 80%,80% to 20%
0.20
1.80
0.20
1.60
0.20
1.60
Note 7: The specified limits represent the “worst case” value for the parameter. Since these “worst case” values normally occur at the temperature extremes, ad-
ditional noise immunity and guard banding can be achieved by decreasing the allowable system operating ranges.
Note 8: Conditions for testing shown in the tables are chosen to guarantee operation under “worst case” conditions.
Test Circuitry
DS100312-5
Notes:
VCC,VCCA = +2V, VEE = −2.5V
L1 and L2 = equal length 50
Ω impedance lines
RT = 50Ω terminator internal to scope
Decoupling 0.1 µF from GND to VCC and VEE
All unused outputs are loaded with 25
Ω to GND
CL = Fixture and stray capacitance ≤ 3pF
Pin numbers shown are for flatpak; for DIP see logic symbol
FIGURE 1. AC Test Circuit
www.national.com
4


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn