Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP012-DZ36UA035 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP012-DZ36UA035
Description  High Efficiency & Long Life
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP012-DZ36UA035 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP012-DZ36UA035 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
High Efficiency & Long Life
C ompact Size
Optimized Performance
Fully Isolated & SELV
Protections: Short C ircuit/ Open C urcuit/ Over Voltage/
Over Temperature
C lass 2 power unit
PRODUCT HIGHLIGHT
Output Voltage/Current
:
Max 36V/ 350mA
SPECIFICATION
Model Name
FSP012-DZ36UA(035)
Wattage
12W
Case
Plastic
Dimming
Non-Dimming
Input Electrical
Specification
Input Voltage
100~120 Vac
PFC
0.9
Inrush C urrent
Maximuminrush_current115Vac
C old start
Constant Current
/ Constant
Voltage
C onstant C urrent
Output Voltage
and Current
Rating
Output1
22-36 V , 350 mA
Output Electrical
Specification
Efficiency
83 %
Life
50,000 hours without system &
full load.@100Vac/200Vac &
ambient 40°C
Protection Function
OVP,OTP,SC P,OC P
Env ironmental
Requirement
TEMP. Range
Operating : 0to +40
Storage : -20to +60
Insulation
Primary to Secondary:
500Vdc,25M ohms min.
EMC performance EN55015
C lass B C onducted, C lass B
radiated
EN55022
C lass B C onducted, C lass B
radiated
EN61000-3-2
A
EN61000-4-3
1
Dimension
78.5mm(L) x 51.8mm(W)x 31.5mm(H)
PROTECTION FUNCTIONS
OVP,OTP,SC P,OC P
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
LED Lighting
FSP012-DZ36UA(035)


Similar Part No. - FSP012-DZ36UA035

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP012-DZ36CE035 FSP-FSP012-DZ36CE035 Datasheet
83Kb / 1P
   High Efficiency & Long Life
More results

Similar Description - FSP012-DZ36UA035

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP18-ZZAP035M FSP-FSP18-ZZAP035M Datasheet
94Kb / 1P
   High Efficiency & Long Life
FSP030-1FZ1FS FSP-FSP030-1FZ1FS Datasheet
118Kb / 1P
   High Efficiency & Long Life
FSP015-DZ24CE070 FSP-FSP015-DZ24CE070 Datasheet
84Kb / 1P
   High Efficiency & Long Life
FSP045-1SZ24-12 FSP-FSP045-1SZ24-12 Datasheet
147Kb / 1P
   High Efficiency & Long Life
FSP045-1SZ24-36 FSP-FSP045-1SZ24-36 Datasheet
178Kb / 1P
   High Efficiency & Long Life
FSP18-ZZAP050M FSP-FSP18-ZZAP050M Datasheet
93Kb / 1P
   High Efficiency & Long Life
FSP030-1ZZN1AP060 FSP-FSP030-1ZZN1AP060 Datasheet
112Kb / 1P
   High Efficiency & Long Life
FSP030-1ZZN1AP070 FSP-FSP030-1ZZN1AP070 Datasheet
112Kb / 1P
   High Efficiency & Long Life
FSP015-DZ48CE035 FSP-FSP015-DZ48CE035 Datasheet
84Kb / 1P
   High Efficiency & Long Life
FSP020-2SZN1S035 FSP-FSP020-2SZN1S035 Datasheet
82Kb / 1P
   High Efficiency & Long Life
FSP030-1ZZN1AP050 FSP-FSP030-1ZZN1AP050 Datasheet
112Kb / 1P
   High Efficiency & Long Life
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com