Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NSW-FSC Datasheet(PDF) 10 Page - DOMINANT Semiconductors

Part No. NSW-FSC
Description  Super high brightness surface mount LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NSW-FSC Datasheet(HTML) 10 Page - DOMINANT Semiconductors

Back Button NSW-FSC Datasheet HTML 6Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 7Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 8Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 9Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 10Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 11Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 12Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 13Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 14Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
Taping and orientation
• Reels come in quantity of 2000 units.
• Reel diameter is 180mm.
150 InGaN White: NSW-FSC
DOMINANT
Opto Technologies
Innovating Illumination
TM
30/08/2013 V3.0
DOMINANT Opto Technologies
DRND-008
Issue No : 1
Page 1 of 1
Product & Process Change Notice (PCN)
PCN No: D110050
Date: 12-July-2011
1. Describe present process / product:
All devices in the family of Primax5.
2. Product type affected:
All devices in the family of Primax5; NSW-XXX, NTVV-XXX and NTUU-XXX
3. Describe changes (to be):
Propose to change from current 8 mm pitch per unit currently to 4 mm pitch per
unit. The tape thickness will also be changed from 0.28 mm to 0.20 mm. Quantity
per reel for the 180mm diameter reel will increase from 1000 pcs to 2000 pcs. All
other carrier tape dimensions and material remain the same.
4. Reason for change:
The increase in the qty per reel will improve productivity during surface mounting
process.
5. Target conversion date:
Samples with new carrier tape will be available upon request.
New carrier tape will be used for manufacturing for lots taped beginning of Sept. 1st 2011.
Note : Any questions or requests for additional information should be directed to our Sales personnel
Ø1
,5 +0,2
5
-0
4±0,1
0,2±0,02
2±0,05
4±0,1
1,21±0,1
8±0,1
3,31±0,1
4±0,1
2±0,05
0,28±0,02
1,21±0,1
Old
New


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn