Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NSW-FSC Datasheet(PDF) 9 Page - DOMINANT Semiconductors

Part No. NSW-FSC
Description  Super high brightness surface mount LED
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DOMINANT [DOMINANT Semiconductors]
Homepage  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NSW-FSC Datasheet(HTML) 9 Page - DOMINANT Semiconductors

Back Button NSW-FSC Datasheet HTML 5Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 6Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 7Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 8Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 9Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 10Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 11Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 12Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 13Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Recommended Solder Pad
150 InGaN White: NSW-FSC
DOMINANT
Opto Technologies
Innovating Illumination
TM
30/08/2013 V3.0
DOMINANT Opto Technologies
28/10/11
Primax5 150 InGaN White NSW-FSG -pv4
Page 6 of 10
PRELIMINARY
UNDER DEVELOPMENT
Engineering reference data are not verified. The specifications are subject to
change without notice.
1D
Cx
0.3130
0.3213
0.3221
0.3144
Cy
0.3290
0.3373
0.3261
0.3186
1U
Cx
0.3144
0.3221
0.3231
0.3161
Cy
0.3186
0.3261
0.3120
0.3059
2D
Cx
0.3290
0.3371
0.3366
0.3290
Cy
0.3417
0.3490
0.3369
0.3300
2U
Cx
0.3290
0.3366
0.3361
0.3290
Cy
0.3300
0.3369
0.3245
0.3180
3D
Cx
0.3451
0.3533
0.3515
0.3440
Cy
0.3554
0.3620
0.3487
0.3427
3U
Cx
0.3440
0.3515
0.3495
0.3429
Cy
0.3428
0.3487
0.3339
0.3307
Solder Pad Design.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn