Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAX-SSG1 Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # NAX-SSG1
Description  Super high brightness surface mount LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NAX-SSG1 Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  NAX-SSG1 Datasheet HTML 1Page - DOMINANT Semiconductors NAX-SSG1 Datasheet HTML 2Page - DOMINANT Semiconductors NAX-SSG1 Datasheet HTML 3Page - DOMINANT Semiconductors NAX-SSG1 Datasheet HTML 4Page - DOMINANT Semiconductors NAX-SSG1 Datasheet HTML 5Page - DOMINANT Semiconductors NAX-SSG1 Datasheet HTML 6Page - DOMINANT Semiconductors NAX-SSG1 Datasheet HTML 7Page - DOMINANT Semiconductors NAX-SSG1 Datasheet HTML 8Page - DOMINANT Semiconductors NAX-SSG1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AlInGaP: NAx-SSG
Group
Wavelength distribution (nm)
Forward Voltage (V)
Vf Binning (Optional)
Vf Bin @ 150mA
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Please consult sales and marketing for special part number to incorporate Vf binning.
V1
V2
V3
V4
V5
1.90 ... 2.05
2.05 ... 2.20
2.20 ... 2.35
2.35 ... 2.50
2.50 ... 2.65
12/07/2012 V.11.0
4
DOMINANT
Opto Technologies
Innovating Illumination
TM
Z1
Z2
AA
4500...5600
5600...7150
7150...9000
Brightness Group
Luminous Intensity @ If=140mA (mcd)
Luminous intensity is measured with an accuracy of ± 11%.
Luminous Intensity at Tj=250C


Similar Part No. - NAX-SSG1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NAX-FSG DOMINANT-NAX-FSG Datasheet
870Kb / 12P
   Super high brightness surface mount LED
NAX-PHG DOMINANT-NAX-PHG Datasheet
883Kb / 13P
   Super high brightness surface mount LED
More results

Similar Description - NAX-SSG1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DPF-EJG-3ZCA-1 DOMINANT-DPF-EJG-3ZCA-1 Datasheet
1Mb / 17P
   Super high brightness surface mount LED
MBFF-FSC DOMINANT-MBFF-FSC Datasheet
1Mb / 18P
   Super high brightness surface mount LED
MAX-PHG DOMINANT-MAX-PHG Datasheet
910Kb / 13P
   Super high brightness surface mount LED
NGW-WSG DOMINANT-NGW-WSG Datasheet
919Kb / 14P
   Super high brightness surface mount LED
NSW-FSC DOMINANT-NSW-FSC Datasheet
1Mb / 15P
   Super high brightness surface mount LED
NSW-FSCR9S-1 DOMINANT-NSW-FSCR9S-1 Datasheet
1Mb / 15P
   Super high brightness surface mount LED
MAF-PSC DOMINANT-MAF-PSC Datasheet
1Mb / 17P
   Super high brightness surface mount LED
MAW-KZHG DOMINANT-MAW-KZHG Datasheet
1Mb / 14P
   Super high brightness surface mount LED
MAW-PSC DOMINANT-MAW-PSC Datasheet
1Mb / 13P
   Super high brightness surface mount LED
MAW-YZHG DOMINANT-MAW-YZHG Datasheet
1,014Kb / 15P
   Super high brightness surface mount LED
NAX-PHG DOMINANT-NAX-PHG Datasheet
883Kb / 13P
   Super high brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com