Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAF-BSG Datasheet(PDF) 11 Page - DOMINANT Semiconductors

Part # NAF-BSG
Description  Super high brightness surface mount LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NAF-BSG Datasheet(HTML) 11 Page - DOMINANT Semiconductors

Back Button NAF-BSG Datasheet HTML 6Page - DOMINANT Semiconductors NAF-BSG Datasheet HTML 7Page - DOMINANT Semiconductors NAF-BSG Datasheet HTML 8Page - DOMINANT Semiconductors NAF-BSG Datasheet HTML 9Page - DOMINANT Semiconductors NAF-BSG Datasheet HTML 10Page - DOMINANT Semiconductors NAF-BSG Datasheet HTML 11Page - DOMINANT Semiconductors NAF-BSG Datasheet HTML 12Page - DOMINANT Semiconductors NAF-BSG Datasheet HTML 13Page - DOMINANT Semiconductors NAF-BSG Datasheet HTML 14Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
05/03/2010 V(3)
11
Packaging Specification
Average 1pc Primax
1 completed bag (1000pcs)
0.034
190 ± 10
Weight (gram)
Cardboard
Box
For PrimaxTM
Weight (gram)
0.041
160 ± 10
60 InGaN Warm White: NAF-BSG
DOMINANT TM
D/C: date code
S/N : serial no
GROUP : group
QTY : product quantity per reel
PART NO : partno
LOT NO : lotno
Moisture sensitivity level
Moisture absorbent material +
Moisture indicator
The reel, moisture absorbent material and moisture indicator are
sealed inside the moisture proof foil bag
Reel
Barcode label
DOMINANT
ROHS Compliant
PB Free
Label
Dimensions (mm)
Empty Box
Weight (kg)
300 x 250 x 250
416 x 516 x 476
15 reels MAX
96 reels MAX
Small
Large
Reel / Box
Quantity / Box (pcs)
Cardboard Box
Size
0.58
1.74
15,000 MAX
96,000 MAX
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - NAF-BSG

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
NAF20100CT BYTESONIC-NAF20100CT Datasheet
767Kb / 2P
   Schottky Barrier Diodes Low Forward Voltage 20 A Total (10A Per Diode Leg)
logo
NXP Semiconductors
NAFE11348B40BS NXP-NAFE11348B40BS Datasheet
2Mb / 114P
   Universal ±25 V 8-Input Low Power AFE
Rev. 3 - 30 October 2023
NAFE11348B40BSE NXP-NAFE11348B40BSE Datasheet
2Mb / 114P
   Universal ±25 V 8-Input Low Power AFE
Rev. 3 - 30 October 2023
NAFE11348B40BSK NXP-NAFE11348B40BSK Datasheet
2Mb / 114P
   Universal ±25 V 8-Input Low Power AFE
Rev. 3 - 30 October 2023
NAFE11348B40BSMP NXP-NAFE11348B40BSMP Datasheet
2Mb / 114P
   Universal ±25 V 8-Input Low Power AFE
Rev. 3 - 30 October 2023
More results

Similar Description - NAF-BSG

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DPF-EJG-3ZCA-1 DOMINANT-DPF-EJG-3ZCA-1 Datasheet
1Mb / 17P
   Super high brightness surface mount LED
MBFF-FSC DOMINANT-MBFF-FSC Datasheet
1Mb / 18P
   Super high brightness surface mount LED
MAX-PHG DOMINANT-MAX-PHG Datasheet
910Kb / 13P
   Super high brightness surface mount LED
NGW-WSG DOMINANT-NGW-WSG Datasheet
919Kb / 14P
   Super high brightness surface mount LED
NSW-FSC DOMINANT-NSW-FSC Datasheet
1Mb / 15P
   Super high brightness surface mount LED
NSW-FSCR9S-1 DOMINANT-NSW-FSCR9S-1 Datasheet
1Mb / 15P
   Super high brightness surface mount LED
MAF-PSC DOMINANT-MAF-PSC Datasheet
1Mb / 17P
   Super high brightness surface mount LED
MAW-KZHG DOMINANT-MAW-KZHG Datasheet
1Mb / 14P
   Super high brightness surface mount LED
MAW-PSC DOMINANT-MAW-PSC Datasheet
1Mb / 13P
   Super high brightness surface mount LED
MAW-YZHG DOMINANT-MAW-YZHG Datasheet
1,014Kb / 15P
   Super high brightness surface mount LED
NAX-PHG DOMINANT-NAX-PHG Datasheet
883Kb / 13P
   Super high brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com