Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAF-BSG Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # NAF-BSG
Description  Super high brightness surface mount LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NAF-BSG Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  NAF-BSG Datasheet HTML 1Page - DOMINANT Semiconductors NAF-BSG Datasheet HTML 2Page - DOMINANT Semiconductors NAF-BSG Datasheet HTML 3Page - DOMINANT Semiconductors NAF-BSG Datasheet HTML 4Page - DOMINANT Semiconductors NAF-BSG Datasheet HTML 5Page - DOMINANT Semiconductors NAF-BSG Datasheet HTML 6Page - DOMINANT Semiconductors NAF-BSG Datasheet HTML 7Page - DOMINANT Semiconductors NAF-BSG Datasheet HTML 8Page - DOMINANT Semiconductors NAF-BSG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
60 InGaN Warm White: NAF-BSG
05/03/2010 V(3)
3
NAF-BSG, Warm White Color Grouping
Bin
RA
RB
QA
QB
0.402
0.421
0.392
0.389
0.421
0.433
0.409
0.400
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.392
0.389
0.382
0.358
0.409
0.400
0.397
0.367
0.409
0.399
0.397
0.367
0.423
0.405
0.409
0.372
0.421
0.433
0.409
0.399
0.437
0.438
0.423
0.405
PA
PB
NA
NB
0.437
0.438
0.423
0.405
0.452
0.443
0.436
0.409
0.423
0.405
0.409
0.372
0.436
0.409
0.421
0.377
0.436
0.409
0.421
0.377
0.451
0.414
0.435
0.382
0.452
0.443
0.436
0.409
0.469
0.448
0.451
0.414
Chromaticity coordinate groups are measured with an accuracy of ± 0.01.
Color Structure
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - NAF-BSG

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
NAF20100CT BYTESONIC-NAF20100CT Datasheet
767Kb / 2P
   Schottky Barrier Diodes Low Forward Voltage 20 A Total (10A Per Diode Leg)
logo
NXP Semiconductors
NAFE11348B40BS NXP-NAFE11348B40BS Datasheet
2Mb / 114P
   Universal ±25 V 8-Input Low Power AFE
Rev. 3 - 30 October 2023
NAFE11348B40BSE NXP-NAFE11348B40BSE Datasheet
2Mb / 114P
   Universal ±25 V 8-Input Low Power AFE
Rev. 3 - 30 October 2023
NAFE11348B40BSK NXP-NAFE11348B40BSK Datasheet
2Mb / 114P
   Universal ±25 V 8-Input Low Power AFE
Rev. 3 - 30 October 2023
NAFE11348B40BSMP NXP-NAFE11348B40BSMP Datasheet
2Mb / 114P
   Universal ±25 V 8-Input Low Power AFE
Rev. 3 - 30 October 2023
More results

Similar Description - NAF-BSG

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DPF-EJG-3ZCA-1 DOMINANT-DPF-EJG-3ZCA-1 Datasheet
1Mb / 17P
   Super high brightness surface mount LED
MBFF-FSC DOMINANT-MBFF-FSC Datasheet
1Mb / 18P
   Super high brightness surface mount LED
MAX-PHG DOMINANT-MAX-PHG Datasheet
910Kb / 13P
   Super high brightness surface mount LED
NGW-WSG DOMINANT-NGW-WSG Datasheet
919Kb / 14P
   Super high brightness surface mount LED
NSW-FSC DOMINANT-NSW-FSC Datasheet
1Mb / 15P
   Super high brightness surface mount LED
NSW-FSCR9S-1 DOMINANT-NSW-FSCR9S-1 Datasheet
1Mb / 15P
   Super high brightness surface mount LED
MAF-PSC DOMINANT-MAF-PSC Datasheet
1Mb / 17P
   Super high brightness surface mount LED
MAW-KZHG DOMINANT-MAW-KZHG Datasheet
1Mb / 14P
   Super high brightness surface mount LED
MAW-PSC DOMINANT-MAW-PSC Datasheet
1Mb / 13P
   Super high brightness surface mount LED
MAW-YZHG DOMINANT-MAW-YZHG Datasheet
1,014Kb / 15P
   Super high brightness surface mount LED
NAX-PHG DOMINANT-NAX-PHG Datasheet
883Kb / 13P
   Super high brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com