Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEP13-4212I Datasheet(PDF) 2 Page - Allied Components International

Part # AEP13-4212I
Description  EP13 Power Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AEP13-4212I Datasheet(HTML) 2 Page - Allied Components International

  AEP13-4212I Datasheet HTML 1Page - Allied Components International AEP13-4212I Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
05/26/2015
EP13 Transformer
AEP13-4212I
Electrical Specifications @ 26°C
NO.
PARAMETER
TERMINAL
SPECIFICATION
TEST INSTRUMENTS
1
INDUCTANCE
AT 100KHz,0.1V
L(1-3)
21.0uH ± 10﹪
DU7200
2
LEAKAGE
INDUCTANCE
AT 100KHz,0.1V
LK(1-3)
0.3uH MAX
(@ PINS4,5,6,7,9,10
SHORTED)
DU7200
3
DC
RESISTANCE
R(1-3)
32mΩ MAX
DU7200
R(9-6)
15mΩ MAX
R(10-7)
15mΩ MAX
R(4-5)
140mΩ MAX
4
TURNS RATIO
AT 15.75KHz, 1.0V
(1-3) : (9-6) :
(10-7) : (4-5)
3: 1: 1: 2 ± 3﹪
DU7200
5
HI-POT
PRI TO SEC
1500VAC/1SEC/1mA
YH-650 INSULATION TESTER
9, 6 TO 10, 7
500VAC/1SEC/1mA
1, 3 TO 4, 5
500VAC/1SEC/1mA


Similar Part No. - AEP13-4212I

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP13-4020 ALLIED-AEP13-4020 Datasheet
434Kb / 1P
   EP13 Transformer
AEP13-4043I ALLIED-AEP13-4043I Datasheet
365Kb / 1P
   EP13 Power Transformer
AEP13-4052 ALLIED-AEP13-4052 Datasheet
388Kb / 1P
   EP13 Flyback Transformer
AEP13-4343 ALLIED-AEP13-4343 Datasheet
504Kb / 1P
   EP13 Flyback Transformer
AEP13-4398 ALLIED-AEP13-4398 Datasheet
653Kb / 1P
   EP13 Transformer
More results

Similar Description - AEP13-4212I

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP13-4043I ALLIED-AEP13-4043I Datasheet
365Kb / 1P
   EP13 Power Transformer
AEP13-3989I ALLIED-AEP13-3989I Datasheet
377Kb / 1P
   EP13 Power Transformer
AEP13-3748 ALLIED-AEP13-3748 Datasheet
460Kb / 1P
   EP13 Power Transformer
AEP13-3990I ALLIED-AEP13-3990I Datasheet
427Kb / 1P
   EP13 Power Transformer
AEP13-1260 ALLIED-AEP13-1260 Datasheet
431Kb / 1P
   EP13 Transformer
logo
XFMRS Inc.
XF50764 XFMRS-XF50764 Datasheet
69Kb / 1P
   EP13 TRANSFORMER
logo
Allied Components Inter...
AEP13-4439 ALLIED-AEP13-4439 Datasheet
708Kb / 1P
   EP13 Transformer
logo
XFMRS Inc.
XF50624 XFMRS-XF50624 Datasheet
53Kb / 1P
   EP13 TRANSFORMER
XF50624 XFMRS-XF50624 Datasheet
53Kb / 1P
   EP13 TRANSFORMER
XF50531 XFMRS-XF50531 Datasheet
57Kb / 1P
   EP13 TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com