Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L3W-L4500 Datasheet(PDF) 8 Page - DOMINANT Semiconductors

Part # L3W-L4500
Description  High brightness LED lamp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

L3W-L4500 Datasheet(HTML) 8 Page - DOMINANT Semiconductors

Back Button L3W-L4500 Datasheet HTML 4Page - DOMINANT Semiconductors L3W-L4500 Datasheet HTML 5Page - DOMINANT Semiconductors L3W-L4500 Datasheet HTML 6Page - DOMINANT Semiconductors L3W-L4500 Datasheet HTML 7Page - DOMINANT Semiconductors L3W-L4500 Datasheet HTML 8Page - DOMINANT Semiconductors L3W-L4500 Datasheet HTML 9Page - DOMINANT Semiconductors L3W-L4500 Datasheet HTML 10Page - DOMINANT Semiconductors L3W-L4500 Datasheet HTML 11Page - DOMINANT Semiconductors L3W-L4500 Datasheet HTML 12Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
05/04/2012 V1.0
8
InGaN White: L3W-L4500
Packaging Specification
Average 1pc 3mm Lamp
1 completed pack (500pcs)
0.034
190 ± 10
Weight (gram)
Weight (gram)
0.29
70 ± 10
1. Loose pack of 500pcs/pack: Lxx-xxxxx-xxxx-x-x-0
D/C: date code
S/N : serial no
GROUP : group
QTY : product quantity per reel
PART NO : partno
LOT NO : lotno
Barcode label
DOMINANT
ROHS Compliant
PB Free
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - L3W-L4500

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
L3W-L60E0 DOMINANT-L3W-L60E0 Datasheet
995Kb / 12P
   High brightness LED lamp
More results

Similar Description - L3W-L4500

ManufacturerPart #DatasheetDescription
logo
AUK corp
SY3418-E AUK-SY3418-E Datasheet
151Kb / 4P
   High Brightness LED Lamp
logo
LUXPIA
LBH3030 LUXPIA-LBH3030 Datasheet
103Kb / 6P
   High Brightness LED Lamp
LWH3000 LUXPIA-LWH3000 Datasheet
228Kb / 7P
   High Brightness LED Lamp
LCH5020 LUXPIA-LCH5020 Datasheet
201Kb / 6P
   High Brightness LED Lamp
logo
AUK corp
SPG3317-H AUK-SPG3317-H Datasheet
190Kb / 4P
   High Brightness LED Lamp
SPG3317-I AUK-SPG3317-I Datasheet
188Kb / 4P
   High Brightness LED Lamp
SW3318G AUK-SW3318G Datasheet
323Kb / 5P
   High Brightness LED Lamp
SY3318-V AUK-SY3318-V Datasheet
166Kb / 3P
   High Brightness LED Lamp
SY5311-V AUK-SY5311-V Datasheet
201Kb / 3P
   High Brightness LED Lamp
SM5427-H AUK-SM5427-H Datasheet
213Kb / 3P
   High Brightness LED Lamp
SR5427-U AUK-SR5427-U Datasheet
220Kb / 3P
   High Brightness LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com