Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8414CS Datasheet(PDF) 3 Page - ON Semiconductor

Part # LV8414CS
Description  Quad H-Bridge Micro Step Motor Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8414CS Datasheet(HTML) 3 Page - ON Semiconductor

  LV8414CS Datasheet HTML 1Page - ON Semiconductor LV8414CS Datasheet HTML 2Page - ON Semiconductor LV8414CS Datasheet HTML 3Page - ON Semiconductor LV8414CS Datasheet HTML 4Page - ON Semiconductor LV8414CS Datasheet HTML 5Page - ON Semiconductor LV8414CS Datasheet HTML 6Page - ON Semiconductor LV8414CS Datasheet HTML 7Page - ON Semiconductor LV8414CS Datasheet HTML 8Page - ON Semiconductor LV8414CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
LV8414CS
www.onsemi.com
3
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
PI
(Photo sensor driving transistor)
Output on-resistance
Ron
IO = 10mA
1.5
2.5
Output leakage current
IOleak
1.0
A
Schmitt buffer
Logic input high-level voltage
VinH
BI1, BI2
0.5
VCC
V
Logic input low-level voltage
VinL
BI1, BI2
0.25
VCC
V
Package Dimensions
[ LV8414CS-N-TE-L-H ] (unit : mm)
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.
WLP32K(2.47X2.47)


Similar Part No. - LV8414CS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
More results

Similar Description - LV8414CS

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2475 PTC-PT2475 Datasheet
86Kb / 4P
   1.2A Quad H-Bridge Motor Driver
logo
Freescale Semiconductor...
34920 FREESCALE-34920 Datasheet
789Kb / 29P
   2.8 ohm (Typ) Quad H-Bridge Motor Driver
logo
Motorola, Inc
MC34920 MOTOROLA-MC34920 Datasheet
813Kb / 28P
   2.8 OHM (Typ) Quad H-Bridge Motor Driver
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
   H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
   H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
[Old version datasheet]   H-Bridge Motor Driver
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
   H-bridge Motor Driver
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
   H-bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
   H-Bridge Motor Driver/Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com