Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFS4926NE Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFS4926NE
Description  Single N?묬hannel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4926NE Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFS4926NE Datasheet HTML 1Page - ON Semiconductor NTMFS4926NE Datasheet HTML 2Page - ON Semiconductor NTMFS4926NE Datasheet HTML 3Page - ON Semiconductor NTMFS4926NE Datasheet HTML 4Page - ON Semiconductor NTMFS4926NE Datasheet HTML 5Page - ON Semiconductor NTMFS4926NE Datasheet HTML 6Page - ON Semiconductor NTMFS4926NE Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTMFS4926NE
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
5
4
3
2
1
0
0
20
40
50
10
60
100
5
4
3
2
1
0
10
20
50
60
80
100
Figure 3. On−Resistance vs. VGS
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS (V)
ID, DRAIN CURRENT (A)
9
810
7
6
5
4
3
0.003
0.005
0.006
0.009
0.011
0.012
0.015
100
70
60
50
30
20
10
0.004
0.005
0.006
0.008
0.009
0.010
0.016
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
125
100
75
50
25
0
−25
−50
0.6
0.7
0.9
1.1
1.2
1.4
1.6
1.7
30
25
20
15
10
5
10
100
1,000
10,000
30
70
80
90
TJ = 25°C
VGS = 2.8 V
3.2 V
3.6 V
4.0 V
4.5 V
10 V
TJ = 25°C
VDS = 10 V
TJ = 125°C
TJ = −55°C
30
40
70
90
0.004
0.010
0.014
ID = 30 A
40
90
80
0.007
T = 25°C
VGS = 4.5 V
VGS = 10 V
150
ID = 30 A
VGS = 10 V
0.8
1.0
1.3
1.5
TJ = 85°C
VGS = 0 V
TJ = 125°C
TJ = 150°C
0.007
0.008
0.013
0.011
0.012
0.013
0.014
0.015


Similar Part No. - NTMFS4926NE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4926N ONSEMI-NTMFS4926N Datasheet
118Kb / 7P
   Power MOSFET 30 V, 44 A, Single N?묬hannel, SO?? FL
May, 2012 ??Rev. 5
NTMFS4926NT1G ONSEMI-NTMFS4926NT1G Datasheet
118Kb / 7P
   Power MOSFET 30 V, 44 A, Single N?묬hannel, SO?? FL
May, 2012 ??Rev. 5
NTMFS4926NT3G ONSEMI-NTMFS4926NT3G Datasheet
118Kb / 7P
   Power MOSFET 30 V, 44 A, Single N?묬hannel, SO?? FL
May, 2012 ??Rev. 5
More results

Similar Description - NTMFS4926NE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com