Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFD4C87NT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTMFD4C87NT1G
Description  Dual N-Channel SO8FL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFD4C87NT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NTMFD4C87NT1G Datasheet HTML 1Page - ON Semiconductor NTMFD4C87NT1G Datasheet HTML 2Page - ON Semiconductor NTMFD4C87NT1G Datasheet HTML 3Page - ON Semiconductor NTMFD4C87NT1G Datasheet HTML 4Page - ON Semiconductor NTMFD4C87NT1G Datasheet HTML 5Page - ON Semiconductor NTMFD4C87NT1G Datasheet HTML 6Page - ON Semiconductor NTMFD4C87NT1G Datasheet HTML 7Page - ON Semiconductor NTMFD4C87NT1G Datasheet HTML 8Page - ON Semiconductor NTMFD4C87NT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2015
August, 2015 − Rev. 1
1
Publication Order Number:
NTMFD4C87N/D
NTMFD4C87N
PowerPhase, Dual
N-Channel SO8FL
30 V, High Side 20 A / Low Side 26 A
Features
Co−Packaged Power Stage Solution to Minimize Board Space
Minimized Parasitic Inductances
Optimized Devices to Reduce Power Losses
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
DC−DC Converters
System Voltage Rails
Point of Load
Figure 1. Typical Application Circuit
Figure 2. Typical Efficiency Performance
POWERPHASEGEVB Evaluation Board
LOAD CURRENT (A)
20
10
25
15
5
70
80
95
90
VIN = 12 V
VOUT = 1.2 V
VGS = 5 V
FSW = 300 kHz
TA = 25°C
0
75
85
100
DFN8
CASE 506CR
MARKING
DIAGRAM
www.onsemi.com
V(BR)DSS
RDS(ON) MAX
ID MAX
Q1 Top FET
30 V
5.4 m
W @ 10 V
20 A
8.1 m
W @ 4.5 V
Q2 Bottom
FET
30 V
3.1 m
W @ 10 V
26 A
4.3 m
W @ 4.5 V
4C87N = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
See detailed ordering and shipping information on page 10 of
this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
10
9
1
2
3
4
8
7
6
5
D1
S2
G1
S1
D1
D1
G2
SW
SW
SW
(Bottom View)
(8) G2
S2 (10)
(1) G1
SW (5, 6, 7)
D1
(3, 4, 9)
(2) S1
1
4C87N
AYWZZ
1


Similar Part No. - NTMFD4C87NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFD4C85N ONSEMI-NTMFD4C85N Datasheet
134Kb / 12P
   N-Channel SO8FL
August, 2015 ??Rev. 1
NTMFD4C85NT1G ONSEMI-NTMFD4C85NT1G Datasheet
134Kb / 12P
   N-Channel SO8FL
August, 2015 ??Rev. 1
NTMFD4C85NT3G ONSEMI-NTMFD4C85NT3G Datasheet
134Kb / 12P
   N-Channel SO8FL
August, 2015 ??Rev. 1
NTMFD4C86N ONSEMI-NTMFD4C86N Datasheet
133Kb / 12P
   Dual N-Channel SO8FL
July, 2015 ??Rev. 1
NTMFD4C86NT1G ONSEMI-NTMFD4C86NT1G Datasheet
133Kb / 12P
   Dual N-Channel SO8FL
July, 2015 ??Rev. 1
More results

Similar Description - NTMFD4C87NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFD4C86N ONSEMI-NTMFD4C86N Datasheet
133Kb / 12P
   Dual N-Channel SO8FL
July, 2015 ??Rev. 1
NTMFD4C88N ONSEMI-NTMFD4C88N Datasheet
127Kb / 12P
   Dual N-Channel SO8FL
August, 2015 ??Rev. 1
NTMFD4C85N ONSEMI-NTMFD4C85N Datasheet
134Kb / 12P
   N-Channel SO8FL
August, 2015 ??Rev. 1
NTMFC013NP10M5L ONSEMI-NTMFC013NP10M5L Datasheet
287Kb / 13P
   MOSFET - Power, Dual N- & P-Channel, SO8FL
July, 2021 ??Rev. 0
NTMFD020N06C ONSEMI-NTMFD020N06C Datasheet
251Kb / 7P
   MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
January, 2020 ??Rev. 0
NTMFD030N06C ONSEMI-NTMFD030N06C Datasheet
252Kb / 7P
   MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 29.7 m, 19 A
January, 2020 ??Rev. 0
NTMFD016N06C ONSEMI-NTMFD016N06C Datasheet
225Kb / 8P
   MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 16.3 m, 32 A
January, 2020 ??Rev. 0
NVMFD020N06C ONSEMI-NVMFD020N06C Datasheet
254Kb / 7P
   MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
March, 2020 ??Rev. 1
NTMFD5877NL ONSEMI-NTMFD5877NL Datasheet
224Kb / 8P
   MOSFET ??Power, Dual, N-Channel, Logic Level, Dual SO8FL 60 V, 39 m, 17 A
May, 2019 ??Rev. 0
NVMFD5877NLT1G ONSEMI-NVMFD5877NLT1G Datasheet
124Kb / 6P
   60 V, 39 m, 17 A, Dual N?묬hannel, Logic Level, Dual SO8FL
November, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com