Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFD4C86NT3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFD4C86NT3G
Description  Dual N-Channel SO8FL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFD4C86NT3G Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFD4C86NT3G Datasheet HTML 1Page - ON Semiconductor NTMFD4C86NT3G Datasheet HTML 2Page - ON Semiconductor NTMFD4C86NT3G Datasheet HTML 3Page - ON Semiconductor NTMFD4C86NT3G Datasheet HTML 4Page - ON Semiconductor NTMFD4C86NT3G Datasheet HTML 5Page - ON Semiconductor NTMFD4C86NT3G Datasheet HTML 6Page - ON Semiconductor NTMFD4C86NT3G Datasheet HTML 7Page - ON Semiconductor NTMFD4C86NT3G Datasheet HTML 8Page - ON Semiconductor NTMFD4C86NT3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NTMFD4C86N
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Unit
Max
Typ
Min
Test Condition
Symbol
FET
CHARGES, CAPACITANCES & GATE RESISTANCE
Total Gate Charge
Q1
QG(TOT)
VGS = 4.5 V, VDS = 15 V; ID = 30 A
10.9
nC
Q2
21.6
Threshold Gate Charge
Q1
QG(TH)
1.2
Q2
1.4
Gate−to−Source Charge
Q1
QGS
3.4
Q2
8.6
Gate−to−Drain Charge
Q1
QGD
5.4
Q2
5.5
Total Gate Charge
Q1
QG(TOT)
VGS = 10 V, VDS = 15 V; ID = 30 A
22.2
nC
Q2
47.5
Gate Resistance
Q1
RG
TA = 25°C
1.0
W
Q2
1.0
SWITCHING CHARACTERISTICS (Note 6)
Turn−On Delay Time
Q1
td(ON)
VGS = 4.5 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
8.9
ns
Q2
8.3
Rise Time
Q1
tr
21.2
Q2
15.1
Turn−Off Delay Time
Q1
td(OFF)
15.3
Q2
19.3
Fall Time
Q1
tf
4.4
Q2
4.2
SWITCHING CHARACTERISTICS (Note 6)
Turn−On Delay Time
Q1
td(ON)
VGS = 10 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
6.7
ns
Q2
6.3
Rise Time
Q1
tr
19.5
Q2
13.8
Turn−Off Delay Time
Q1
td(OFF)
20.1
Q2
22.8
Fall Time
Q1
tf
2.8
Q2
3.2
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Voltage
Q1
VSD
VGS = 0 V,
IS = 10 A
TJ = 25°C
0.80
V
TJ = 125°C
0.60
Q2
VGS = 0 V,
IS = 10 A
TJ = 25°C
0.78
TJ = 125°C
0.62
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Pulse Test: pulse width
≤ 300 ms, duty cycle ≤ 2%.
6. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTMFD4C86NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFD4C85N ONSEMI-NTMFD4C85N Datasheet
134Kb / 12P
   N-Channel SO8FL
August, 2015 ??Rev. 1
NTMFD4C85NT1G ONSEMI-NTMFD4C85NT1G Datasheet
134Kb / 12P
   N-Channel SO8FL
August, 2015 ??Rev. 1
NTMFD4C85NT3G ONSEMI-NTMFD4C85NT3G Datasheet
134Kb / 12P
   N-Channel SO8FL
August, 2015 ??Rev. 1
NTMFD4C87N ONSEMI-NTMFD4C87N Datasheet
121Kb / 12P
   Dual N-Channel SO8FL
August, 2015 ??Rev. 1
NTMFD4C87NT1G ONSEMI-NTMFD4C87NT1G Datasheet
121Kb / 12P
   Dual N-Channel SO8FL
August, 2015 ??Rev. 1
More results

Similar Description - NTMFD4C86NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFD4C88N ONSEMI-NTMFD4C88N Datasheet
127Kb / 12P
   Dual N-Channel SO8FL
August, 2015 ??Rev. 1
NTMFD4C87N ONSEMI-NTMFD4C87N Datasheet
121Kb / 12P
   Dual N-Channel SO8FL
August, 2015 ??Rev. 1
NTMFD4C85N ONSEMI-NTMFD4C85N Datasheet
134Kb / 12P
   N-Channel SO8FL
August, 2015 ??Rev. 1
NTMFC013NP10M5L ONSEMI-NTMFC013NP10M5L Datasheet
287Kb / 13P
   MOSFET - Power, Dual N- & P-Channel, SO8FL
July, 2021 ??Rev. 0
NTMFD020N06C ONSEMI-NTMFD020N06C Datasheet
251Kb / 7P
   MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
January, 2020 ??Rev. 0
NTMFD030N06C ONSEMI-NTMFD030N06C Datasheet
252Kb / 7P
   MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 29.7 m, 19 A
January, 2020 ??Rev. 0
NTMFD016N06C ONSEMI-NTMFD016N06C Datasheet
225Kb / 8P
   MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 16.3 m, 32 A
January, 2020 ??Rev. 0
NVMFD020N06C ONSEMI-NVMFD020N06C Datasheet
254Kb / 7P
   MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
March, 2020 ??Rev. 1
NTMFD5877NL ONSEMI-NTMFD5877NL Datasheet
224Kb / 8P
   MOSFET ??Power, Dual, N-Channel, Logic Level, Dual SO8FL 60 V, 39 m, 17 A
May, 2019 ??Rev. 0
NVMFD5877NLT1G ONSEMI-NVMFD5877NLT1G Datasheet
124Kb / 6P
   60 V, 39 m, 17 A, Dual N?묬hannel, Logic Level, Dual SO8FL
November, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com