Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS7140-02G-XTD Datasheet(PDF) 11 Page - ON Semiconductor

Part # FS7140-02G-XTD
Description  Programmable Phase-Locked Loop Clock Generator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS7140-02G-XTD Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FS7140-02G-XTD Datasheet HTML 7Page - ON Semiconductor FS7140-02G-XTD Datasheet HTML 8Page - ON Semiconductor FS7140-02G-XTD Datasheet HTML 9Page - ON Semiconductor FS7140-02G-XTD Datasheet HTML 10Page - ON Semiconductor FS7140-02G-XTD Datasheet HTML 11Page - ON Semiconductor FS7140-02G-XTD Datasheet HTML 12Page - ON Semiconductor FS7140-02G-XTD Datasheet HTML 13Page - ON Semiconductor FS7140-02G-XTD Datasheet HTML 14Page - ON Semiconductor FS7140-02G-XTD Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
FS7140, FS7145
http://onsemi.com
11
Programming Information
All register bits are cleared to zero on power−up. All register bits may be read back as written.
Table 7. FS7140 REGISTER MAP
Address
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Byte 7
Reserved
(Bit 63)
Must be set
to “0”
Reserved
(Bit 62)
Must be set
to “0”
Reserved
(Bit 61)
Must be set
to “0”
Reserved
(Bit 60)
Must be set
to “0”
Reserved
(Bit 59)
Must be set
to “0”
Reserved
(Bit 58)
Must be set
to “0”
Reserved
(Bit 57)
Must be set
to “0”
Reserved
(Bit 56)
Must be set
to “0”
Byte 6
Reserved
(Bit 55)
Must be set
to “0”
Reserved
(Bit 54)
Must be set
to “0”
SHUT2
(Bit 53)
0 = Normal
1 = Powered
down
Reserved
(Bit 52)
Must be set
to “0”
Reserved
(Bit 51)
Must be set
to “0”
Reserved
(Bit 50)
Must be set
to “0”
Reserved
(Bit 49)
Must be set
to “0”
Reserved
(Bit 48)
Must be set
to “0”
Byte 5
Reserved
(Bit 47)
Must be set
to “0”
LC
(Bit 46)
Loop filter
cap select
LR[1]
(Bit 45)
LR[0]
(Bit 44)
Reserved
(Bit 43)
Must be set
to “0”
Reserved
(Bit 42)
Must be set
to “0”
CP[1]
(Bit 41)
CP[0]
(Bit 40)
Loop filter resistor select
Charge pump current select
Byte 4
CMOS
(Bit 39)
0 = PECL
1 = CMOS
FBKDSRC
(Bit 38)
0 = VCO
output
1 = Post
divider output
FBKDIV[13]
(Bit 37)
8192
FBKDIV[12]
(Bit 36)
4096
FBKDIV[11]
(Bit 35)
2048
FBKDIV[10]
(Bit 34)
1024
FBKDIV[9]
(Bit 33)
512
FBKDIV[8]
(Bit 32)
256
See the Feedback Divider section for disallowed FBKDIV values
Byte 3
FBKDIV[7]
(Bit 31)
128
FBKDIV[6]
(Bit 30)
64
FBKDIV[5]
(Bit 29)
32
FBKDIV[4]
(Bit 28)
16
FBKDIV[3]
(Bit 27)
8
FBKDIV[2]
(Bit 26)
4
FBKDIV[1]
(Bit 25)
2
FBKDIV[0]
(Bit 24)
1
See the Feedback Divider section for disallowed FBKDIV values
Byte 2
POST2[3]
(Bit 23)
POST2[2]
(Bit 22)
POST2[1]
(Bit 21)
POST2[0]
(Bit 20)
POST1[3]
(Bit 19)
POST1[2]
(Bit 18)
POST1[1]
(Bit 17)
POST1[0]
(Bit 16)
Modulus = N + 1 (N = 0 to 11); See Table 12
Modulus = N + 1 (N = 0 to 11); See Table 12
Byte 1
POST3[1]
(Bit 15)
POST3[0]
(Bit 14)
SHUT1
(Bit 13)
0 = Normal
1 = Powered
down
REFDSRC
(Bit 12)
0 = Crystal
oscillator
1 = REF pin
REFDIV[11]
(Bit 11)
2048
REFDIV[10]
(Bit 10)
1024
REFDIV[9]
(Bit 9)
512
REFDIV[8]
(Bit 8)
256
Modulus = 1, 2, 4 or 8;
See Table 12
Byte 0
REFDIV[7]
(Bit 7)
128
REFDIV[6]
(Bit 6)
64
REFDIV[5]
(Bit 5)
32
REFDIV[4]
(Bit 4)
16
REFDIV[3]
(Bit 3)
8
REFDIV[2]
(Bit 2)
4
REFDIV[1]
(Bit 1)
2
REFDIV[0]
(Bit 0)
1


Similar Part No. - FS7140-02G-XTD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FS7140-02G-XTD ONSEMI-FS7140-02G-XTD Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-02G-XTD ONSEMI-FS7140-02G-XTD Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
More results

Similar Description - FS7140-02G-XTD

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
   Programmable Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
   Phase-Locked Loop Clock Generator
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
   Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
logo
Arizona Microtek, Inc
AZ12010 AZM-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Mini-Circuits
AZ12010 MINI-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
   Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
   Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com