Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJP8NA50 Datasheet(PDF) 7 Page - Pan Jit International Inc.

Part # PJP8NA50
Description  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJP8NA50 Datasheet(HTML) 7 Page - Pan Jit International Inc.

  PJP8NA50 Datasheet HTML 1Page - Pan Jit International Inc. PJP8NA50 Datasheet HTML 2Page - Pan Jit International Inc. PJP8NA50 Datasheet HTML 3Page - Pan Jit International Inc. PJP8NA50 Datasheet HTML 4Page - Pan Jit International Inc. PJP8NA50 Datasheet HTML 5Page - Pan Jit International Inc. PJP8NA50 Datasheet HTML 6Page - Pan Jit International Inc. PJP8NA50 Datasheet HTML 7Page - Pan Jit International Inc. PJP8NA50 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PPJU8NA50 / PJD8NA50 / PJP8NA50 / PJF8NA50
March 10,2014-REV.00
Page 7
PART NO PACKING CODE VERSION
Part No Packing Code
Package Type
Packing type
Marking
Version
PJU8NA50_T0_00001
TO-251AA
80pcs / Tube
U8NA50
Halogen free
PJD8NA50_L2_00001
TO-252AA
3,000pcs / 13
” reel
D8NA50
Halogen free
PJP8NA50_T0_00001
TO-220AB
50pcs / Tube
P8NA50
Halogen free
PJF8NA50_T0_00001
ITO-220AB-F
50pcs / Tube
F8NA50
Halogen free


Similar Part No. - PJP8NA50

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP8NA65A PANJIT-PJP8NA65A Datasheet
937Kb / 8P
   650V N-Channel MOSFET
October 20,2016-REV.00
PJP8NA65A_T0_00001 PANJIT-PJP8NA65A_T0_00001 Datasheet
937Kb / 8P
   650V N-Channel MOSFET
October 20,2016-REV.00
More results

Similar Description - PJP8NA50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com