Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJT7603 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJT7603
Description  Complementary Enhancement Mode MOSFET ??ESD Protected
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJT7603 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJT7603 Datasheet HTML 1Page - Pan Jit International Inc. PJT7603 Datasheet HTML 2Page - Pan Jit International Inc. PJT7603 Datasheet HTML 3Page - Pan Jit International Inc. PJT7603 Datasheet HTML 4Page - Pan Jit International Inc. PJT7603 Datasheet HTML 5Page - Pan Jit International Inc. PJT7603 Datasheet HTML 6Page - Pan Jit International Inc. PJT7603 Datasheet HTML 7Page - Pan Jit International Inc. PJT7603 Datasheet HTML 8Page - Pan Jit International Inc. PJT7603 Datasheet HTML 9Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PPJT7603
September 18,2015-REV.00
Page 3
P-Channel Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V,ID=-250uA
-60
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=-250uA
-1.0
-1.5
-2.5
V
Drain-Source On-State Resistance
RDS(on)
VGS=-10V,ID=-500mA
-
2.4
4
Ω
VGS=-4.5V,ID=-200mA
-
2.7
6
Zero Gate Voltage Drain Current
IDSS
VDS=-48V,VGS=0V
-
-
-1
uA
Gate-Source Leakage Current
IGSS
VGS=+20V,VDS=0V
-
-
+100
nA
Dynamic
(Note 5)
Total Gate Charge
Qg
VDS=-25V, ID=-100mA,
VGS=-4.5V
-
1.1
-
nC
Gate-Source Charge
Qgs
-
0.3
-
Gate-Drain Charge
Qgd
-
0.2
-
Input Capacitance
Ciss
VDS=-25V, VGS=0V,
f=1.0MHZ
-
51
-
pF
Output Capacitance
Coss
-
15
-
Reverse Transfer Capacitance
Crss
-
2.2
-
Turn-On Delay Time
td(on)
VDD=-25V, ID=-100mA,
VGS=-10V,
RG=6Ω
(Note 1,2)
-
4.8
-
ns
Turn-On Rise Time
tr
-
19
-
Turn-Off Delay Time
td(off)
-
52
-
Turn-Off Fall Time
tf
-
32
-
Drain-Source Diode
Maximum Continuous Drain-Source
Diode Forward Current
IS
---
-
-
-250
mA
Diode Forward Voltage
VSD
IS=-500mA, VGS=0V
-
-0.9
-1.5
V


Similar Part No. - PJT7603

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJT7600 PANJIT-PJT7600 Datasheet
489Kb / 9P
   Advanced Trench Process Technology
PJT7600_R1_00001 PANJIT-PJT7600_R1_00001 Datasheet
489Kb / 9P
   20V Complementary Enhancement Mode MOSFET . ESD Protected
PJT7600_R2_00001 PANJIT-PJT7600_R2_00001 Datasheet
489Kb / 9P
   20V Complementary Enhancement Mode MOSFET . ESD Protected
PJT7601 PANJIT-PJT7601 Datasheet
575Kb / 9P
   20V Complementary Enhancement Mode MOSFET – ESD Protected
April 7,2016-REV.00
PJT7601_R1_00001 PANJIT-PJT7601_R1_00001 Datasheet
575Kb / 9P
   20V Complementary Enhancement Mode MOSFET – ESD Protected
April 7,2016-REV.00
More results

Similar Description - PJT7603

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJX8603 PANJIT-PJX8603 Datasheet
467Kb / 9P
   Complementary Enhancement Mode MOSFET ??ESD Protected
PJX8601 PANJIT-PJX8601 Datasheet
558Kb / 9P
   Complementary Enhancement Mode MOSFET – ESD Protected
August 10,2022 PJX8601-REV.01
PJX8603-AU PANJIT-PJX8603-AU Datasheet
540Kb / 9P
   Complementary Enhancement Mode MOSFET – ESD Protected
August 10,2022 PJX8603-AU-REV.01
PJX8601-AU PANJIT-PJX8601-AU Datasheet
557Kb / 9P
   Complementary Enhancement Mode MOSFET – ESD Protected
August 10,2022 PJX8601-AU-REV.01
PJS6600 PANJIT-PJS6600 Datasheet
434Kb / 9P
   30V Complementary Enhancement Mode MOSFET ??ESD Protected
PPJT7600 PANJIT-PPJT7600 Datasheet
489Kb / 9P
   20V Complementary Enhancement Mode MOSFET . ESD Protected
PJT7601 PANJIT-PJT7601 Datasheet
575Kb / 9P
   20V Complementary Enhancement Mode MOSFET – ESD Protected
April 7,2016-REV.00
PJT7605-AU PANJIT-PJT7605-AU Datasheet
776Kb / 9P
   60V Complementary Enhancement Mode MOSFET – ESD Protected
November 5,2021
logo
Cystech Electonics Corp...
MTNK5C3 CYSTEKEC-MTNK5C3 Datasheet
327Kb / 8P
   ESD protected N-Channel Enhancement Mode MOSFET
MTN1012ZC3 CYSTEKEC-MTN1012ZC3 Datasheet
719Kb / 7P
   ESD protected N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com