Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJW1NA50 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJW1NA50
Description  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJW1NA50 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJW1NA50 Datasheet HTML 1Page - Pan Jit International Inc. PJW1NA50 Datasheet HTML 2Page - Pan Jit International Inc. PJW1NA50 Datasheet HTML 3Page - Pan Jit International Inc. PJW1NA50 Datasheet HTML 4Page - Pan Jit International Inc. PJW1NA50 Datasheet HTML 5Page - Pan Jit International Inc. PJW1NA50 Datasheet HTML 6Page - Pan Jit International Inc. PJW1NA50 Datasheet HTML 7Page - Pan Jit International Inc. PJW1NA50 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PPJN1NA50 / PJW1NA50 / PJU1NA50 / PJD1NA50
August 07,2014-REV.01
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V,ID=250uA
500
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250uA
2
3.02
4
V
Drain-Source On-State Resistance
RDS(on)
VGS=10V,ID=0.5A
-
7.6
9
Ω
Zero Gate Voltage Drain Current
IDSS
VDS=500V,VGS=0V
-
0.02
1.0
uA
Gate-Source Leakage Current
IGSS
VGS=+30V,VDS=0V
-
+20
+100
nA
Diode Forward Voltage
VSD
IS=1A,VGS=0V
-
0.86
1.4
V
Dynamic
(Note 5)
Total Gate Charge
Qg
VDS=400V, ID=1A,
VGS=10V
(Note 2,3)
-
4.2
-
nC
Gate-Source Charge
Qgs
-
1.7
-
Gate-Drain Charge
Qgd
-
1.4
-
Input Capacitance
Ciss
VDS=25V, VGS=0V,
f=1.0MHZ
-
95
-
pF
Output Capacitance
Coss
-
23
-
Reverse Transfer Capacitance
Crss
-
0.3
-
Turn-On Delay Time
td(on)
VDD=250V, ID=1A,
RG=25Ω
(Note 2,3)
-
5
-
ns
Turn-On Rise Time
tr
-
20
-
Turn-Off Delay Time
td(off)
-
8
-
Turn-Off Fall Time
tf
-
24
-
Drain-Source Diode
Maximum Continuous Drain-Source
Diode Forward Current
IS
---
-
-
1
A
Maximum Pulsed Drain-Source
Diode Forward Current
ISM
---
-
-
4
A
Reverse Recovery Time
trr
VGS=0V, IS=1A
dIF/ dt=100A/us
(Note 2)
-
155
-
ns
Reverse Recovery Charge
Qrr
-
0.53
-
uC
NOTES :
1.
L=30mH, IAS=1.6A, VDD=50V, RG=25 ohm, Starting TJ=25
oC
2.
Pulse width<300us, Duty cycle<2%
3.
Essentially independent of operating temperature typical characteristics.
4.
RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is
defined as the solder mounting surface of the drain pins mounted on a 1 inch FR-4 with 2oz. square pad of copper.
5.
Guaranteed by design, not subject to production testing


Similar Part No. - PJW1NA50

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJW1NA60A PANJIT-PJW1NA60A Datasheet
421Kb / 8P
   600V N-Channel MOSFET
PJW1NA80 PANJIT-PJW1NA80 Datasheet
373Kb / 8P
   800V N-Channel MOSFET
More results

Similar Description - PJW1NA50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com