Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC-1400RHN4 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TC-1400RHN4
Description  1400W Redundant Power Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TC-1400RHN4 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TC-1400RHN4 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-1400RHN4 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-1400RHN4 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-1400RHN4 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-1400RHN4 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-1400RHN4 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-1400RHN4 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-1400RHN4 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-1400RHN4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
1. INTRODUCTION
First of all, thank you for purchasing RHN4 Series High-Density Redundant power supply for
4U~8U chassis.
The RHN4 is a 3+1, Hot-swappable/Hot-pluggable, High-Density Redundant power supply set,
it consists of:
(1) complete metal frame (nickel-plated)
(2) compact size (smaller than PSII form factor) 3+1 power modules
(3) backplane board
The RHN4 Series of hot swappable high-density redundant power supply offer a maximum
1400watts of output power. The RHN4 series provide Active Power Factor correction (PFC) at
full range AC Input complies with EN 61000-3-2/3 for critical applications.
The power unit’s size is compact which smaller than PSII form factor and both power modules
built two interior 38X38 m/m ball bearing DC fans. Each power module has designed with 5
outputs including +3.3V, +5V, +12V, -12V & 5VSB circuits and higher current availability based
on Intel ATX12V / EPS12V standards. All you can see on the backplane board is just passive
components and this is the key point to a greater Power Supply MTBF.
The unit including LED display, buzzer alarm, TTL signal, etc.
When all the power modules are at normal condition, it balances the load share through its
parallel design and results the power system increase reliability.
To really discover the power and ease in using these products, we recommend that you read
through this manual carefully.


Similar Part No. - TC-1400RHN4

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TC-140 VECTRON-TC-140 Datasheet
88Kb / 2P
   Temperature Compensated Crystal Oscillators (TCXOs)
TC-140-BAB-1PM VECTRON-TC-140-BAB-1PM Datasheet
88Kb / 2P
   Temperature Compensated Crystal Oscillators (TCXOs)
TC-140-BAB-207 VECTRON-TC-140-BAB-207 Datasheet
88Kb / 2P
   Temperature Compensated Crystal Oscillators (TCXOs)
TC-140-BAB-4PM VECTRON-TC-140-BAB-4PM Datasheet
88Kb / 2P
   Temperature Compensated Crystal Oscillators (TCXOs)
TC-140-BAB-ST3 VECTRON-TC-140-BAB-ST3 Datasheet
88Kb / 2P
   Temperature Compensated Crystal Oscillators (TCXOs)
More results

Similar Description - TC-1400RHN4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PWS-1K41P-1R ETC1-PWS-1K41P-1R Datasheet
353Kb / 1P
   1400W 1U Redundant Power Supply Specification
PWS-1K41F-1R ETC1-PWS-1K41F-1R Datasheet
347Kb / 1P
   1400W 1U Redundant AC-DC Power Supply Specification
EFRD-PA40 ETC2-EFRD-PA40 Datasheet
431Kb / 2P
   1400W 1U Redundant Power Module
logo
Adlink Technology Inc.
CPCIS-ET1100 ADLINK-CPCIS-ET1100 Datasheet
211Kb / 2P
   Redundant Power Supply
logo
BOSER Technology Co., L...
ARI-6400F BOSER-ARI-6400F Datasheet
79Kb / 1P
   400W Redundant Power Supply
logo
List of Unclassifed Man...
TC-950RVN3 ETC2-TC-950RVN3 Datasheet
266Kb / 17P
   950W Redundant Power Supply
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
   1U Redundant Power Supply
TC-2000RVN4 ETC2-TC-2000RVN4 Datasheet
282Kb / 17P
   2000W Redundant Power Supply
TC-1350RVN3 ETC2-TC-1350RVN3 Datasheet
265Kb / 17P
   1350W Redundant Power Supply
TC-1700RVN4 ETC2-TC-1700RVN4 Datasheet
282Kb / 17P
   1700W Redundant Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com