Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC-600RVN2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TC-600RVN2
Description  2U / 3U Redundant Power Supply
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TC-600RVN2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TC-600RVN2 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-600RVN2 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-600RVN2 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-600RVN2 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-600RVN2 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-600RVN2 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-600RVN2 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-600RVN2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-600RVN2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1. INTRODUCTION
First of all, thank you for purchasing RVN2 Series High-Density Redundant power supply for
2/3U chassis.
The RVN2 is a 1+1, Hot-swappable/Hot-pluggable, High-Density Redundant power supply set,
it consists of:
(1) complete metal frame (nickel-plated)
(2) compact size (smaller than PSII form factor) 1+1 power modules
(3) backplane board
The RVN2 Series of hot swappable high-density redundant power supply offer a maximum
600watts of output power. The RVN2 series provide Active Power Factor Correction (PFC) at
full range AC Input complies with EN 61000-3-2/3 for critical applications.
The power unit’s size is compact which smaller than PSII form factor and both power modules
built two interior 38X38 m/m ball bearing DC fans. Each power module has designed with 5
outputs including +3.3V, +5V, +12V, -12V & 5VSB circuits and higher current availability based
on Intel ATX12V / EPS12V standards. All you can see on the backplane board is just passive
components and this is the key point to a greater Power Supply MTBF.
The unit including LED display, buzzer alarm, TTL signal, etc.
When all the power modules are at normal condition, it balances the load share through its
parallel design and results the power system increase reliability.
To really discover the power and ease in using these products, we recommend that you read
through this manual carefully.


Similar Part No. - TC-600RVN2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-600PF ETC2-TC-600PF Datasheet
167Kb / 4P
   AC Input Voltage: 100~240V (Active PFC) Frequency: 47 to 63 Hz..
More results

Similar Description - TC-600RVN2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-650RVN2 ETC2-TC-650RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
TC-700RVN2 ETC2-TC-700RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
TC-400R2U ETC2-TC-400R2U Datasheet
400Kb / 8P
   2U/3U Redundant Power Supply
TC-350R2U ETC2-TC-350R2U Datasheet
380Kb / 8P
   2U/3U Redundant Power Supply
R2A-460D1V2 ETC2-R2A-460D1V2 Datasheet
337Kb / 12P
   460W460W 2/3U Redundant Power Supply.
R2A-550D1V2 ETC2-R2A-550D1V2 Datasheet
336Kb / 12P
   550W550W 2/3U Redundant Power Supply.
R2A-600D1V2 ETC2-R2A-600D1V2 Datasheet
321Kb / 12P
   600W600W 2/3U Redundant Power Supply.
R2A-650D1V2 ETC2-R2A-650D1V2 Datasheet
339Kb / 12P
   650W650W 2/3U Redundant Power Supply.
R2A-500D1V2 ETC2-R2A-500D1V2 Datasheet
319Kb / 12P
   500W500W 2/3U Redundant Power Supply.
EFRP-P2A50S ETC2-EFRP-P2A50S Datasheet
334Kb / 2P
   2U 1500W 11 Redundant Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com