Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC-300R2UH Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TC-300R2UH
Description  1U redundant power supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TC-300R2UH Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  TC-300R2UH Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
4
3
2
1
PG
4
3
2
1
PH
L=500mm±15mm
L=150mm±10mm
L=150mm±10mm
L=150mm ±10mm
22AWG 1007
L=500mm±15mm
L=150mm±10mm
L=150mm±10mm
4
3
2
1
4
3
2
1
4
3
2
1
4
3
2
1
PG
PH
PI
PJ
PD
PE
PF
PI
PJ
4
3
2
1
L=500mm±15mm
L=150mm±10mm
L=150mm±10mm
4
3
2
1
4
3
2
1
4
3
2
1
PA
PB
PC
L=500mm±15mm
PK
S.ATA-500L+ S.ATA-150L
L=150mm±10mm
PK
PL
PL
4
3
2
1
5
(1-3)
(4-6)
(7-9)
(10-12)
(13-15)
4
3
2
1
5
(1-3)
(4-6)
(7-9)
(10-12)
(13-15)
PD
PE
PF
Connector HOUSING: AMP 171822-4 or equivalent
4
3
1
2
Pin
No.
Pin
No.
LENGTH
Housing
150mm/18AWG
4
3
1
2
PA
PB
Yellow / Yellow
150mm/18AWG
150mm/18AWG
WIRE
COLOR
WIRE
COLOR
150mm/18AWG
4
3
1
2
PC
150mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/18AWG
4
3
1
2
Pin
No.
Pin
No.
Housing
150mm/18AWG
4
3
1
2
150mm/18AWG
150mm/18AWG
WIRE
COLOR
WIRE
COLOR
150mm/18AWG
4
3
1
2
150mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/22AWG
4
3
1
2
150mm/22AWG
150mm/22AWG
150mm/22AWG
150mm/18AWG
Connector Housing: H.D.D. for easy plug
500mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
Pin
No.
Housing
WIRE
COLOR
HOUSING: MOLEX 675820000 or equivalent
TERMINAL: MOLEX 675810000 or equivalent
500mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/18AWG
1
2
3
4
5
1
2
3
4
5
Yellow / Yellow
Black / Black
Black / Black
Black / Black
Black / Black
Red / Red
Black
Yellow
Black
Red
Red / Red
Connector Housing: H.D.D. for easy plug
Yellow / Yellow
Yellow / Yellow
Black / Black
Black / Black
Black / Black
Black / Black
Red / Red
Black
Yellow
Black
Red
Red / Red
Yellow / Yellow
Black / Black
Black / Black
Red / Red
Red / Red
Yellow / Yellow
Orange
Black / Black
Black
Red
Orange / Orange
Black / Black
Black
Yellow
LENGTH
LENGTH
LENGTH
LENGTH
4
3
1
2
Pin
No.
Pin
No.
LENGTH
Housing
150mm/18AWG
4
3
1
2
Yellow / Yellow
150mm/18AWG
150mm/18AWG
WIRE
COLOR
WIRE
COLOR
150mm/18AWG
4
3
1
2
150mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/18AWG
Connector Housing: H.D.D. for easy plug
500mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
Yellow / Yellow
Black / Black
Black / Black
Black / Black
Black / Black
Red / Red
Black
Yellow
Black
Red
Red / Red
LENGTH
Note: Specification and wiring diagram subject to change without notice.
End of file.
2014/4/17


Similar Part No. - TC-300R2UH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-300 ETC-TC-300 Datasheet
1Mb / 1P
   FIBER DUCT KIT
More results

Similar Description - TC-300R2UH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
   1U Redundant Power Supply
TC-350R2UH ETC2-TC-350R2UH Datasheet
300Kb / 8P
   1U Redundant Power Supply
PWS-920P-SQ ETC1-PWS-920P-SQ Datasheet
159Kb / 1P
   920W 1U Redundant Power Supply Specification
PWS-702A-1R ETC1-PWS-702A-1R Datasheet
229Kb / 1P
   700W 1U Redundant Power Supply Specification
EFRP-S2407H ETC2-EFRP-S2407H Datasheet
330Kb / 2P
   1U 400W Server Redundant Power Supply
PWS-721P-1R ETC1-PWS-721P-1R Datasheet
225Kb / 1P
   720W 1U Redundant Power Supply Specification
PWS-703P-1R ETC1-PWS-703P-1R Datasheet
182Kb / 1P
   700W 1U Redundant Power Supply Specification
PWS-704P-1R ETC1-PWS-704P-1R Datasheet
180Kb / 1P
   700W 1U Redundant Power Supply Specification
PWS-1K41P-1R ETC1-PWS-1K41P-1R Datasheet
353Kb / 1P
   1400W 1U Redundant Power Supply Specification
PWS-741P-1R ETC1-PWS-741P-1R Datasheet
372Kb / 1P
   740W 1U Redundant Power Supply Specification
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com