Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH3448-TL-W Datasheet(PDF) 4 Page - ON Semiconductor

Part # CPH3448-TL-W
Description  Single N-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH3448-TL-W Datasheet(HTML) 4 Page - ON Semiconductor

  CPH3448-TL-W Datasheet HTML 1Page - ON Semiconductor CPH3448-TL-W Datasheet HTML 2Page - ON Semiconductor CPH3448-TL-W Datasheet HTML 3Page - ON Semiconductor CPH3448-TL-W Datasheet HTML 4Page - ON Semiconductor CPH3448-TL-W Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CPH3448
No. A1648-4/5
Total Gate Charge, Qg -- nC
VGS -- Qg
S O A
Drain-to-Source Voltage, VDS -- V
06
5
4
3
2
1
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.5
4.0
IT14352
VDS=15V
ID=4A
Operation in this area
is limited by RDS(on).
DC
operation
(Ta=2
5°C
)
100
ms
1m
s
10m
s
100m
s
HD15325
2
3
5
7
2
2
3
5
7
2
3
5
7
0.1
1.0
3
10
0.01
0.1
25 7
23
3
2
57
3
1.0
10
5
ID=4A
IDP=16A (PW≤10ms)
Ta=25
°C
Single pulse
When mounted on ceramic substrate (900mm2
×0.8mm)
Ambient Temperature, Ta --
°C
PD -- Ta
IT15326
0
0
20
40
0.4
0.6
60
80
100
120
140
160
1.0
0.2
0.8
1.2
When mounted on ceramic substrate
(900mm2
×0.8mm)


Similar Part No. - CPH3448-TL-W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3448-TL-H SANYO-CPH3448-TL-H Datasheet
548Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - CPH3448-TL-W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS6H800N ONSEMI-NTMFS6H800N Datasheet
141Kb / 6P
   MOSFET ??Power, Single, N-Channel
May, 2019 ??Rev. 1
MCH6431 ONSEMI-MCH6431 Datasheet
382Kb / 5P
   Single N-Channel Power MOSFET
March 2015 - Rev. 3
NTMFS6B03N ONSEMI-NTMFS6B03N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
February, 2015 ??Rev. 1
NVTFS4C08N ONSEMI-NVTFS4C08N Datasheet
92Kb / 6P
   Single N- Channel Power MOSFET
July, 2014 ??Rev. 1
NVMFS6B14N ONSEMI-NVMFS6B14N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVMFS5C426NL ONSEMI-NVMFS5C426NL Datasheet
186Kb / 7P
   MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 1
NVMFS6H864N ONSEMI-NVMFS6H864N Datasheet
189Kb / 7P
   MOSFET - Power, Single N-Channel
June, 2020 ??Rev. 2
NTMFS005N10MCL ONSEMI-NTMFS005N10MCL Datasheet
137Kb / 6P
   MOSFET ??Power, Single N-Channel
November, 2020 ??Rev. 0
CPH3459 ONSEMI-CPH3459 Datasheet
462Kb / 5P
   Single N-Channel Power MOSFET
August, 2014
SCH1435 ONSEMI-SCH1435 Datasheet
523Kb / 5P
   Single N-Channel Power MOSFET
August 2015 - Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com