Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0W633-001-XTP Datasheet(PDF) 4 Page - ON Semiconductor

Part No. 0W633-001-XTP
Description  High-Performance Programmable Audio Processing System
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

0W633-001-XTP Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
BELASIGNA 250
http://onsemi.com
4
Table 2. ELECTRICAL SPECIFICATIONS (continued)
Description
Screened
Units
Max
Typ
Min
Conditions
Symbol
POWER−ON−RESET (POR)
POR hysteresis
PORHYSTERESIS
10
16
22
mV
POR duration
TPOR
5
10
15
ms
INPUT STAGE
Analog input voltage
VIN
0
2
V
Preamplifier gain tolerance
PAG
1 kHz
−1.5
1.5
dB
Preamplifier gain mismatch be-
tween channels
1 kHz
−1
1
dB
Input impedance
RIN
0 dB preamplifer gain
250
k
W
Non−zero preamplifier gains
400
550
700
k
W
Input referred noise
INIRN
Unweighted,
20 Hz to 8 kHz BW
Preamplifier setting:
0 dB
12 dB
15 dB
18 dB
21 dB
24 dB
27 dB
30 dB
40
12
8
6
4.5
4
3.5
3
55
14
11
8
5.5
5
4.5
4
mVrms
Input dynamic range
INDR
1 kHz, 20 Hz to 8 kHz BW
Preamplifier setting:
0 dB
12 dB
15 dB
18 dB
21 dB
24 dB
27 dB
30 dB
85
84
84
83
82
81
80
78
88
87
87
86
85
84
83
81
dB
Input peak THD+N (Note 4)
INTHDN
Any valid preamplifier gain,
1 kHz
−63
−60
dB
Input stage delay (Note 5)
200
ms
DIRECT DIGITAL OUTPUT
Maximum load current
IDO
Normal mode
13
mA
High power mode
25
mA
Output impedance
RDO
Normal mode
9
11
W
High power mode
5
6
W
Output dynamic range
DODR
Unweighted, 100 Hz to
8 kHz BW, mono
90
93
dB
Output THD+N
DOTHDN
Unweighted, 100 Hz to
22 kHz BW, mono
−79
−76
dB
Output voltage
DOVOUT
−Vbat
Vbat
V
ANALOG OUTPUT STAGE
Analog output voltage
VOUT
0
2
V
3. Audio performance will be degraded below 1.05 V.
4. Measured with a = 12 dB input signal.
5. Input stage delay is inversely proportional to sampling frequency.
6. Max voltage should be limited to 2.2 V peak regardless of VDDC. Protection diodes will be enabled above this voltage.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn