Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0W633-001-XTP Datasheet(PDF) 28 Page - ON Semiconductor

Part No. 0W633-001-XTP
Description  High-Performance Programmable Audio Processing System
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

0W633-001-XTP Datasheet(HTML) 28 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
BELASIGNA 250
http://onsemi.com
28
Shipping Label Example
Figure 15. Sample Label
Moisture Sensitivity Level
The
LFBGA
and
CABGA
package
options
of
BELASIGNA 250 are MSL JEDEC Level 3.
Re−flow Information
The re−flow profile depends on the equipment that is used
for the re−flow and the assembly that is being re−flowed.
Use the following table from the JEDEC Standard
22−A113D and J−STD−020D.01 as a guideline:
Electrostatic Discharge (ESD) Sensitive Device
CAUTION: ESD sensitive device. Permanent damage may
occur on devices subjected to high−energy electrostatic
discharges. Proper ESD precautions in handling, packaging
and testing are recommended to avoid performance
degradation or loss of functionality. Device is 2 kV HBM
ESD qualified.
Miscellaneous
Chip Identification
The Evaluation and Development Tools include a method
for verifying the chip version. A BELASIGNA 250 chip will
respond as follows:
Family:
0x01 or 0x02
Version:
0x0B
ROM Version:
0x0206
Support Software
A full suite of comprehensive tools is available to assist
software developers from the initial concept and technology
assessment through to prototyping and product launch.
Simulation, application development and communication
tools as well as an Evaluation and Development Kit (EDK)
facilitate the development of advanced algorithms on
BELASIGNA 250.
Training
To facilitate development on the BELASIGNA 250
platform, training is available upon request. Contact your
account manager for more information.
Company or Product Inquiries
For more information about ON Semiconductor products
or services visit our Web site at http://onsemi.com.
Table 11. ORDERING INFORMATION
Part Number
Operating Temperature Range
Package
Shipping
0W633−001−XTP
−85 to 40
°C
5 x 5 mm CABGA
(Pb−Free)
5000 / Tape & Reel
0W888−002−XTP
−85 to 40
°C
7 x 7 mm LFBGA
(Pb−Free)
1500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn