Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0W633-001-XTP Datasheet(PDF) 27 Page - ON Semiconductor

Part No. 0W633-001-XTP
Description  High-Performance Programmable Audio Processing System
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

0W633-001-XTP Datasheet(HTML) 27 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
BELASIGNA 250
http://onsemi.com
27
5 x 5 mm CABGA
ON Semiconductor offers tape and reel packing for
BELASIGNA 250 CABGA packages. The packing consists
of a pocketed carrier tape, a cover tape, and a molded
anti−static polystyrene reel. The carrier and cover tape
create an ESD safe environment, protecting the components
from physical and electrostatic damage during shipping and
handling.
Figure 13. Package Orientation on Tape
Quantity per Reel: 5000 units
A = 13 inches
Pin 1 Orientation: Upper Left
B = 12 mm
Each complete reel contains 5000 parts.
C = 4 inches
Brand: ADVANTEK
D = 13 mm
P/N: ML0505−AC410.P1 (CW)
Figure 14. CABGA Carrier Tape Drawing
1. 10 sprockets hole pitch cumulative tolerance
±0.2.
2. Camber in compliance with EIA 481.
3. Pocket position relative to sprocket hole measured as true position of pocket, not pocket hole.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn