Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0W633-001-XTP Datasheet(PDF) 21 Page - ON Semiconductor

Part No. 0W633-001-XTP
Description  High-Performance Programmable Audio Processing System
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

0W633-001-XTP Datasheet(HTML) 21 Page - ON Semiconductor

Back Button 0W633-001-XTP Datasheet HTML 17Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 18Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 19Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 20Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 21Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 22Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 23Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 24Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
BELASIGNA 250
http://onsemi.com
21
Output Stage
The analog audio output and the digital output are
composed of two individual channels. The first part of the
output stage interpolates the signal for highly oversampled
D/A conversion and automatically configures itself for the
desired over−sampling rate. Here, the signal is routed to the
SD D/A converter and the direct digital outputs.
The D/A converter translates the signal into a
high−fidelity analog signal and passes it into a third order
analog reconstruction filter to smooth out the effects of
sampling. The reconstruction filter has a cut−off frequency
configurable at 10 or 20 kHz.
From the reconstruction filter, the signal passes through
the programmable output attenuator, which can adjust the
signal for various line level outputs or mute the signal
altogether. The attenuator can be configured to a value in the
interval 12 to 30 dB (3 dB steps) or it can be bypassed.
The direct digital outputs provide two H−bridges driven
by pulse−density modulated outputs that can be used to
directly drive an output transducer without the need for a
separate power amplifier. The output driver has a dedicated
power−supply pin, which allows for separation (through
RC−filtering) between the supply for the analog blocks on
the chip and the supply for the output driver.
The output stage is shown in Figure 8.
Output
Modulator
Interpolation
Filter
CH0 from
RCore/WOLA
RCVR0+
RCVR0−
D/A
Converter
LP
Filter
Output
Modulator
Interpolation
Filter
CH1 from
RCore/WOLA
AO0/RCVR1+
D/A
Converter
LP
Filter
AO1/RCVR1−
A
M
U
X
A
M
U
X
AMP
Attenuator
Attenuator
Figure 8. Output Stage
AMP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn