Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0W633-001-XTP Datasheet(PDF) 19 Page - ON Semiconductor

Part No. 0W633-001-XTP
Description  High-Performance Programmable Audio Processing System
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

0W633-001-XTP Datasheet(HTML) 19 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
BELASIGNA 250
http://onsemi.com
19
Memory Maps
Complete memory maps for BELASIGNA 250 are shown in Figure 6.
Figure 6. Memory Maps
P:0xFFFF
P:0x3FFF
P:0x3FF0
Interrupt Vectors
(16 x 16)
Program RAM
(12288 x 16)
P:0x1000
P Memory
P:0x03FF
P:0x0000
Program ROM
(1024 x 16)
Y Memory
X Memory
Y Data RAM
(4096 x 16)
Output FIFO
(384 x 16)
Smart Output FIFO
(384 x 16)
Digital Control Registers
(17 x 16)
Configuration Registers
(19 x 16)
Data Buffer
(17 x 16)
Control Register and
Y:0x4000
Y:0x4010
Y:0x403F
Y:0x404F
Y:0x8000
Y:0x8012
Y:0xFFFF
Y:0x1B7F
Y:0x1A00
Y:0x197F
Y:0x1800
Y:0x0FFF
Y:0x0000
Shifted by N_FFT
Access bits (17:2)
Access bits (16:1)
Access bits (15:0)
X:0x0000
X:0x0FFF
X Data RAM
(4096 x 16)
X:0x1000
X:0x10FF
Mirrored Temp. Memory
(256 x 18)
Mirrored Temp. Memory
(256 x 18)
Mirrored Temp. Memory
(256 x 18)
Mirrored Temp. Memory
(256 x 18)
Input FIFO
(384 x 16)
Smart Input FIFO
(384 x 16)
X:0xFFFF
Window
(192 x 16)
Gain
(256 x 16)
Microcode
(128 x 16)
ROM LUT
(128 x 16)
X:0x423F
X:0x4180
X:0x417F
X:0x4080
X:0x4000
X:0x407F
X:0x207F
X:0x2000
X:0x1B7F
X:0x1A00
X:0x197F
X:0x1800
X:0x13FF
X:0x1300
X:0x12FF
X:0x1200
X:0x11FF
X:0x1100
General−Purpose Timer
The general−purpose timer is a 12−bit countdown timer
with a 3−bit prescaler that interrupts the RCore when it
reaches zero. It can operate in two modes, single−shot or
continuous. In single−shot mode, the timer counts down
only once and then generates an interrupt. It will then have
to be restarted from the RCore. In continuous mode, the
timer “wraps around” every time it hits zero and interrupts
are generated continuously. This unit is often useful in
scheduling tasks that are not part of the sample−based
signal−processing scheme, such as checking a battery
voltage or reading the value of a volume control.
Watchdog Timer
The watchdog timer is a programmable hardware timer
that operates from the system clock and is used to ensure
system sanity. It is always active and must be periodically
acknowledged as a check that an application is still running.
Once the watchdog times out, it generates an interrupt. If left
to
time
out
a
second
consecutive
time
without
acknowledgement, BELASIGNA 250 will fully reset itself.
Interrupts
The RCore has a single interrupt channel that serves 13
interrupt sources in a prioritized manner. The interrupt
controller also handles interrupt acknowledge flags. Every
interrupt source has its own interrupt vector. Furthermore,
the priority scheme of the interrupt sources can be modified.
Refer to Table 9 for a description of all interrupts.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn