Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0W633-001-XTP Datasheet(PDF) 16 Page - ON Semiconductor

Part No. 0W633-001-XTP
Description  High-Performance Programmable Audio Processing System
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

0W633-001-XTP Datasheet(HTML) 16 Page - ON Semiconductor

Back Button 0W633-001-XTP Datasheet HTML 12Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 13Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 14Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 15Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 16Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 17Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 18Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 19Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
BELASIGNA 250
http://onsemi.com
16
Instruction
Description
MSET Reg, (Ri) [,SQ]
Multiplier load
MUL [Cond] [,A] [,P]
Update A and/or PH | PL with X*Y on
condition
NEG A [,Cond] [,DW]
Calculate negative value of A
on condition
NOP
No operation
OR A, Reg
OR register with AH to AH
OR A, (Rij)
OR memory with AH to AH
OR A, DRAM [,B]
OR (DRAM) with AH to AH
OR A, (Rij)p
OR program memory with AH to AH
OR A, Rc
OR Rc register with AH to AH
ORI A, IMM
OR IMM with AH to AH
ORSI A, SIMM
OR unsigned SIMM with AH to AH
POP Reg [,B]
Pop register from stack
POP Rc [,B]
Pop Rc register from stack
PUSH Reg [,B]
Push register on stack
PUSH Rc [,B]
Push Rc register on stack
PUSH IMM [,B]
Push IMM on stack
REP n
Repeat next instruction n+1 times
(9−bit unsigned)
REP Reg
Repeat next instruction Reg+1 times
REP (Rij)
Repeat next instruction (Rij)+1 times
RES Reg, Bit
Clear bit in register
RES (Rij), Bit
Clear bit in memory
RET [B]
Return from subroutine
RND A
Round A with AL
SET Reg, Bit
Set bit in register
SET (Rij), Bit
Set bit in memory
SET_IE
Set interrupt enable flag
SHFT n
Shift A by
± n bits (6−bit signed)
SHFT A [,Cond] [,INV]
Shift A by EXP bits on condition
SLEEP [IE]
Sleep
Instruction
Description
SUB A, Reg [,C]
Subtract register from A
SUB A, (Rij) [,C]
Subtract memory from A
SUB A, DRAM [,B]
Subtract (DRAM) from A
SUB A, (Rij)p [,C]
Subtract program memory from A
SUB A, Rc [,C]
Subtract Rc register from A
SUBI A, IMM [,C]
Subtract IMM from A
SUSI A, SIMM
Subtract signed SIMM from A
SWAP A [,Cond]
Swap AH, AL on condition
TGL Reg, Bit
Toggle bit in register
TGL (Rij), Bit
Toggle bit in memory
TST Reg, Bit
Test bit in register
TST (Rij), Bit
Test bit in memory
Table 8. NOTATION
Symbol
Meaning
A
Accumulator update
B
Memory bank selection (X or Y)
C
Carry bit
Cond
Condition in status register
DRAM
Low data (X or Y) memory address (8−bits)
DW
Double word
IE
Interrupt enable flag
IMM
Immediate data (16−bits)
INV
Inverse shift
P
PH | PL update
PRAM
Program memory address (16−bits)
Rc
Rc register (R0..7, PCFG0..2, PCFG4..6, LC0/1)
Reg
Data register (AL, AH, X, Y, ST, PC, PL, PH,
EXT0, EXP, AE, EXT3..EXT7)
Ri / Rj / Rij
Pointer to X / Y / either data memory
SIMM
Short immediate data (10−bits)
SQ
Square


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn