Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0W633-001-XTP Datasheet(PDF) 15 Page - ON Semiconductor

Part # 0W633-001-XTP
Description  High-Performance Programmable Audio Processing System
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

0W633-001-XTP Datasheet(HTML) 15 Page - ON Semiconductor

Back Button 0W633-001-XTP Datasheet HTML 11Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 12Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 13Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 14Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 15Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 16Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 17Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 18Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
BELASIGNA 250
http://onsemi.com
15
Table 7. INSTRUCTION SET
Instruction
Description
ABS A [,Cond] [,DW]
Calculate absolute value of A
on condition
ADD A, Reg [,C]
Add register to A
ADD A, (Rij) [,C]
Add memory to A
ADD A, DRAM [,B]
Add (DRAM) to A
ADD A, (Rij)p [,C]
Add program memory to A
ADD A, Rc [,C]
Add Rc register to A
ADDI A, IMM [,C]
Add IMM to A
ADSI A, SIMM
Add signed SIMM to A
AND A, Reg
AND register with AH to AH
AND A, (Rij)
AND memory with AH to AH
AND A, DRAM [,B]
AND (DRAM) with AH to AH
AND A, (Rij)p
AND program memory with AH to AH
AND A, Rc
AND Rc register with AH to AH
ANDI A, IMM
AND IMM with AH to AH
ANSI A, SIMM
AND unsigned SIMM with AH to AH
BRA PRAM [,Cond]
Branch to new address on condition
BREAK
Stop the DSP for debugging purposes
CALL PRAM [,Cond] [,B] Push PC and branch to new address
on condition
CLB A
Calculate the leading bits on A
CLR A [,DW]
Clear accumulator
CLR Reg
Clear register
CMP A, Reg [,C]
Compare register to A
CMP A, (Rij) [,C]
Compare memory to A
CMP A, DRAM [,B]
Compare (DRAM) to A
CMP A, (Rij)p [,C]
Compare program memory to A
CMP A, Rc [,C]
Compare Rc register to A
CMPI A, IMM [,C]
Compare IMM to A
CMSI A, SIMM
Compare signed SIMM to A
CMPL A [,Cond] [,DW]
Calculate logical inverse of A
on condition
DADD [Cond] [,P]
Add PH | PL to A, update PH | PL on
condition
DBNZ0/1 PRAM
Branch to new address if LC0/1 <> 0
DCMP
Compare PH | PL to A
DEC A [,Cond] [,DW]
Decrement A on condition
DEC Reg [Cond]
Decrement register on condition
DEC (Rij) [,Cond]
Decrement memory on condition
DSUB [Cond] [,P]
Subtract PH | PL from A, update
PH | PL on condition
EOR A, Reg
Exclusive−OR register with AH to AH
EOR A, (Rij)
Exclusive−OR memory with AH to AH
Instruction
Description
EOR A, DRAM [,B]
Exclusive−OR (DRAM) with AH to AH
EOR A, (Rij)p
Exclusive−OR program memory with
AH to AH
EOR A, Rc
Exclusive−OR Rc register with
AH to AH
EORI A, IMM
Exclusive−OR IMM with AH to AH
EOSI A, SIMM
Exclusive−OR unsigned SIMM with
AH to AH
INC A [,Cond] [,DW]
Increment A on condition
INC Reg [,Cond]
Increment register on condition
INC (Rij) [,Cond]
Increment memory on condition
LD Rc, Rc
Load Rc register with Rc register
LD Reg, Reg
Load register with register
LD Reg, (Rij)
Load register with memory
LD (Rij), Reg
Load memory with register
LD (Ri), (Rj)
Transfer Y mem data to X mem
LD (Rj), (Ri)
Transfer X mem data to Y mem
LD A, DRAM [,B]
Load A with (DRAM)
LD DRAM, A [,B]
Load (DRAM) with A
LD Rc, (Rij)
Load Rc register with memory
LD (Rij), Rc
Load memory with Rc register
LD Reg, (Rij)p
Load register with program memory
LD (Rij)p, Reg
Load program memory with register
LD Reg, (Reg)p
Load register with program memory
via register
LD Reg, Rc
Load register with Rc register
LD Rc, Reg
Load Rc register with register
LDI Reg, IMM
Load register with IMM
LDI Rc, IMM
Load Rc register with IMM
LDI (Rij), IMM
Load memory with IMM
LDSI LC0/1 SIMM
Load loop counter with 16−bit unsigned
SIMM
LDSI A, SIMM
Load A with signed SIMM
LDSI Rij, SIMM
Load pointer register with unsigned
SIMM
MLD (Rj), (Ri) [,SQ]
Multiplier load and clear A
MLD Reg, (Ri) [,SQ]
Multiplier load and clear A
MODR Rj, Ri
Pointer register modification
MPYA (Rj), (Ri) [,SQ]
Multiplier load and accumulate
MPYA Reg, (Ri) [,SQ]
Multiplier load and accumulate
MPYS (Rj), (Ri) [,SQ]
Multiplier load and accumulate
negative
MPYS Reg, (Ri) [,SQ]
Multiplier load and accumulate
negative
MSET (Rj), (Ri) [,SQ]
Multiplier load


Similar Description - 0W633-001-XTP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
B250W48A106XXG ONSEMI-B250W48A106XXG Datasheet
559Kb / 30P
   High-Performance Programmable Audio Processing System
July, 2012 ??Rev. 9
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
logo
ON Semiconductor
LC823450 ONSEMI-LC823450 Datasheet
1Mb / 55P
   Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
LC823450 ONSEMI-LC823450_17 Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
logo
Analog Devices
ADSP-21371 AD-ADSP-21371_09 Datasheet
1Mb / 52P
   SHARC Processor optimized for high performance audio processing
REV. C
logo
ATMEL Corporation
ATSAM3308B ATMEL-ATSAM3308B Datasheet
358Kb / 27P
   Audio Processing
ATSAM3703 ATMEL-ATSAM3703 Datasheet
444Kb / 36P
   Audio Processing
ATSAM2195 ATMEL-ATSAM2195 Datasheet
1Mb / 19P
   Audio Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com