Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0W633-001-XTP Datasheet(PDF) 9 Page - ON Semiconductor

Part No. 0W633-001-XTP
Description  High-Performance Programmable Audio Processing System
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

0W633-001-XTP Datasheet(HTML) 9 Page - ON Semiconductor

Back Button 0W633-001-XTP Datasheet HTML 5Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 6Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 7Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 8Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 9Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 10Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 11Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 12Page - ON Semiconductor 0W633-001-XTP Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
BELASIGNA 250
http://onsemi.com
9
Table 4. CABGA PIN DESCRIPTIONS (continued)
Pad Index
A/D
I/O
Description
BELASIGNA 250 Pad Name
H1
CAP0
Charge pump capacitor connection
N/A
A
G1
CAP1
Charge pump capacitor connection
N/A
A
J2
AI0
Microphone input
I
A
H3
AI1/LOUT
Microphone input / line−out audio output
I/O
A
J4
AI2
Microphone input
I
A
H4
AI3
Microphone input
I
A
J3
AIR
Audio input reference
N/A
A
G9
RCVR0+
Digital output 0 positive output
O
A
H9
RCVR0−
Digital output 0 negative output
O
A
J9
AO0/RCVR1+
Analog output 0 / digital output 1 positive output
O
A
J8
AO1/RCVR1−
Analog output 1 / digital output 1 negative output
O
A
J7
AOR
Analog output reference
N/A
A
B9
DEBUG_RX
RS−232 serial input
I
D
A9
DEBUG_TX
RS−232 serial output
O
D
C9
EXT_CLK
External clock input / internal clock output
I/O
D
A7
TWSS_CLK
Two−wire synchronous serial clock
I/O
D
A8
TWSS_DATA
Two−wire synchronous serial data
I/O
D
E8
GPIO[0] / I2S_FD
General−purpose input or output / I2S digital frame
I/O
D
E9
GPIO[1] / I2S_IND
General−purpose input or output / I2S digital input
I/O
D
F8
GPIO[2] / I2S_INA
General−purpose input or output / I2S analog input
I/O
D
F9
GPIO[3] / NCLK_DIV_RESET / I2S_FA
General−purpose input or output / I2S analog frame
I/O
D
D2
GPIO[4] / LSAD [0] / I2S_OUTD
General−purpose input or output / low−speed A/D input /
I2S digital output
I/O
A/D
D1
GPIO[5] / LSAD[1] / I2S_OUTA
General−purpose input or output / low−speed A/D input /
I2S analog output
I/O
A/D
C1
GPIO[6] / LSAD[2]
General−purpose input or output / low−speed A/D input
I/O
A/D
B1
GPIO[7] / LSAD[3]
General−purpose input or output / low−speed A/D input
I/O
A/D
A1
GPIO[8] / LSAD[4] / UART_TX
General−purpose input or output / low−speed A/D input /
UART output
I/O
A/D
A2
GPIO[9] / LSAD[5] / UART_RX
General−purpose input or output / low−speed A/D input /
UART input
I/O
A/D
A3
GPIO[10] / UCLK
General−purpose input or output / user clock
I/O
D
B4
GPIO[11] / PCM_CLK
General−purpose input or output / PCM clock
I/O
D
A4
GPIO[12] / PCM_SERI
General−purpose input or output / PCM serial input
I/O
D
B5
GPIO[13] / PCM_SERO
General−purpose input or output / PCM serial output
I/O
D
A5
GPIO[14] / PCM_FRAME
General−purpose input or output / PCM frame
I/O
D
A6
GPIO[15]
General−purpose input or output
I/O
D
NOTE:
There are 9 unlisted pads that must be left unconnected. (B2, B3, B6, B7, B8, C2, D8, E2, H2)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn