Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5551AE-TD-E Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SC5551AE-TD-E
Description  RF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5551AE-TD-E Datasheet(HTML) 3 Page - ON Semiconductor

  2SC5551AE-TD-E Datasheet HTML 1Page - ON Semiconductor 2SC5551AE-TD-E Datasheet HTML 2Page - ON Semiconductor 2SC5551AE-TD-E Datasheet HTML 3Page - ON Semiconductor 2SC5551AE-TD-E Datasheet HTML 4Page - ON Semiconductor 2SC5551AE-TD-E Datasheet HTML 5Page - ON Semiconductor 2SC5551AE-TD-E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC5551A
No. A1118-3/6
S21e
2 -- IC
Collector Current, IC -- mA
PC -- Ta
Ambient Temperature, Ta --
°C
Cob, Cre -- VCB
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- mA
fT -- IC
A S O
Collector-to-Emitter Voltage, VCE -- V
VCE(sat) -- IC
Collector Current, IC -- mA
IT01070
IT01072
IT01071
IT01073
1.0
1.0
2
3
5
7
10
2
3
5
7
100
2
3
5
7
10
Cob
Cre
f=1MHz
VCE=5V
1.0
2
3
5
7 10
2
3
5 7 100
2
3
5
7 1000
0.1
2
3
5
7
1.0
2
3
5
7
10
1.0
2
3
5
7
10
2
35
10
2
3
5
7
100
2
3
5
7
1000
IC=300mA
ICP=600mA
DC
operation
020
40
60
80
100
120
140
160
0
0.2
0.4
0.6
0.8
1.0
1.2
1.3
1.4
10ms
IT01069
VCE=5V
1.0
2
3
5
7 10
2
3
5
7 100
2
3
5
7 1000
0
2
4
6
8
10
12
14
16
18
20
f=200MHz
f=500MHz
When mounted on ceramic substrate
(250mm2
✕0.8mm)
Ta=25
°C
Single pulse
When mounted on ceramic substrate (250mm2
✕0.8mm)
IT15252
1.0
2
3
5
7 10
2
3
5 7 100
2
3
57
2
3
5
7
0.1
2
3
5
7
IC / IB=10


Similar Part No. - 2SC5551AE-TD-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5551A SANYO-2SC5551A Datasheet
82Kb / 4P
   High-Frequency Medium-Output Amplifier Applications
2SC5551A SANYO-2SC5551A Datasheet
403Kb / 6P
   High-Frequency Medium-Output Amplifier Applications
2SC5551AF-TD-E SANYO-2SC5551AF-TD-E Datasheet
82Kb / 4P
   High-Frequency Medium-Output Amplifier Applications
2SC5551A SANYO-2SC5551A_12 Datasheet
403Kb / 6P
   High-Frequency Medium-Output Amplifier Applications
More results

Similar Description - 2SC5551AE-TD-E

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBTH10 UTC-MMBTH10_10 Datasheet
234Kb / 5P
   RF TRANSISTOR
logo
ON Semiconductor
CPH6020 ONSEMI-CPH6020 Datasheet
505Kb / 6P
   RF Transistor
August, 2013
MCH4016 ONSEMI-MCH4016 Datasheet
291Kb / 10P
   RF Transistor
August, 2013
MCH4017 ONSEMI-MCH4017 Datasheet
291Kb / 9P
   RF Transistor
August, 2013
NSVF3007SG3 ONSEMI-NSVF3007SG3_17 Datasheet
491Kb / 10P
   RF Transistor
May 2017 - Rev. 0
logo
Motorola, Inc
BF224 MOTOROLA-BF224 Datasheet
145Kb / 6P
   RF Transistor
logo
ON Semiconductor
CPH6003A ONSEMI-CPH6003A Datasheet
520Kb / 7P
   RF Transistor
August, 2013
logo
Motorola, Inc
BF199 MOTOROLA-BF199 Datasheet
144Kb / 6P
   RF Transistor
logo
ON Semiconductor
CPH6021 ONSEMI-CPH6021 Datasheet
560Kb / 12P
   RF Transistor
August, 2013
MCH4015 ONSEMI-MCH4015 Datasheet
295Kb / 9P
   RF Transistor
August, 2013
logo
Unisonic Technologies
MPSH10 UTC-MPSH10_15 Datasheet
193Kb / 4P
   RF TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com