Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8706 Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM8706
Description  Clock Generator for DVD Players
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8706 Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

  SM8706 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8706 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8706 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8706 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8706 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8706 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8706 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8706 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SM8706A
NIPPON PRECISION CIRCUITS—7
Sampling Frequency Switching Settling Time
The clock output response timing when the sampling frequency fs is switched using FSEL is shown in Figure
6. The settling time ts for the audio output clock when switching the sampling frequency is 1µs maximum.
Figure 6. Output signal switching timing
27.0000MHz
/54MHz
MO1
MO2
AO1
AO2
fs = 48kHz
tS
FSEL
fs = 44.1kHz
fs = 44.1kHz
tS
16.9344MHz
/33.8688MHz
SO1
SO2
0.8VDD
0.2VDD


Similar Part No. - SM8706

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8701 NPC-SM8701 Datasheet
119Kb / 14P
   DVD Player Clock Generator
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
   DVD Player Clock Generator
SM8702AM NPC-SM8702AM Datasheet
155Kb / 16P
   Clock Generator IC
SM8703 NPC-SM8703 Datasheet
106Kb / 12P
   Clock Generator for MPEG2 System
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
   Clock Generator for MPEG2 System
More results

Similar Description - SM8706

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
   Clock Generator for DVD Players
logo
List of Unclassifed Man...
BU2362FV ETC1-BU2362FV Datasheet
57Kb / 2P
   Clock generator for DVD
logo
Nippon Precision Circui...
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
   DVD Player Clock Generator
logo
Cirrus Logic
CS98100 CIRRUS-CS98100 Datasheet
1Mb / 60P
   DVD PROCESSOR FOR LOW COST DVD PLAYERS
logo
Rohm
BA5956FM ROHM-BA5956FM_1 Datasheet
147Kb / 6P
   Power Driver For DVD Players
BA5956FM ROHM-BA5956FM Datasheet
335Kb / 7P
   Power Driver For DVD Players
logo
Panasonic Semiconductor
MN2DS0003 PANASONIC-MN2DS0003 Datasheet
91Kb / 4P
   Single-chip LSI for DVD players
logo
Rohm
BD8201FM ROHM-BD8201FM Datasheet
512Kb / 6P
   Power Driver For CD/DVD Players
logo
Minilogic Device Corpor...
ML58C88 MINILOGIC-ML58C88 Datasheet
453Kb / 10P
   CMOS BTL Drivers for DVD players
logo
Rohm
BA5815FM ROHM-BA5815FM Datasheet
228Kb / 2P
   5-channel driver for CD/DVD players
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com