Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIG056BF Datasheet(PDF) 3 Page - ON Semiconductor

Part # TIG056BF
Description  N-Channel IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIG056BF Datasheet(HTML) 3 Page - ON Semiconductor

  TIG056BF Datasheet HTML 1Page - ON Semiconductor TIG056BF Datasheet HTML 2Page - ON Semiconductor TIG056BF Datasheet HTML 3Page - ON Semiconductor TIG056BF Datasheet HTML 4Page - ON Semiconductor TIG056BF Datasheet HTML 5Page - ON Semiconductor TIG056BF Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TIG056BF
No. A1775-3/6
IC -- VCE
Collector to Emitter Voltage, VCE -- V
IC -- VGE
Gate to Emitter Voltage, VGE -- V
IT15776
0
0
50
150
100
300
200
250
IT15777
0
0
12
5
34
6
50
250
150
100
300
200
24
12
810
6
10V
VCE=10V
8V
Tc=25
°C
12V
Case Temperature, Tc --
°C
VGE(off) -- Tc
VCE -- VGE
Gate to Emitter Voltage, VGE -- V
Case Temperature, Tc --
°C
VCE(sat) -- Tc
VCE -- VGE
Gate to Emitter Voltage, VGE -- V
VCE -- VGE
Gate to Emitter Voltage, VGE -- V
Collector to Emitter Voltage, VCE -- V
Cies, Coes, Cres -- VCE
IT15781
050
75
100
125
150
25
--25
--50
5
6
4
3
0
1
2
IC=240A
VGE=15V
4
3
0
1
2
IT15778
24
6
5
8
610
12
18
14
16
20
120A
60A
Tc= --25
°C
IC=240A
60A
IT15782
0
50
75
100
125
150
25
--25
--50
6
5
4
3
2
1
0
016
18
20
68
412
14
10
2
100
7
5
3
10000
1000
7
5
3
2
7
5
3
2
IT15783
Cies
Coes
Cres
f=1MHz
120A
4
3
0
1
2
IT15779
24
6
5
8
610
12
18
14
16
20
120A
60A
Tc=25
°C
IC=240A
4
3
0
1
2
IT15780
24
6
5
8
610
12
18
14
16
20
120A
60A
Tc=75
°C
IC=240A


Similar Part No. - TIG056BF

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TIG056BF SANYO-TIG056BF Datasheet
330Kb / 4P
   High Power High Speed Switching Applications
More results

Similar Description - TIG056BF

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JT015N065FED JSMC-JT015N065FED Datasheet
309Kb / 6P
   N-CHANNEL IGBT
logo
ON Semiconductor
NGTB30N60L2WG ONSEMI-NGTB30N60L2WG Datasheet
765Kb / 8P
   N-Channel IGBT
August, 2014
NGTG12N60TF1G ONSEMI-NGTG12N60TF1G Datasheet
395Kb / 7P
   N-Channel IGBT
October, 2013
TIG074E8 ONSEMI-TIG074E8 Datasheet
78Kb / 6P
   N-Channel IGBT
NGTB10N60FG ONSEMI-NGTB10N60FG Datasheet
406Kb / 6P
   N-Channel IGBT
April, 2014
NGTG20N60L2TF1G ONSEMI-NGTG20N60L2TF1G Datasheet
403Kb / 7P
   N-Channel IGBT
September, 2013
TIG058E8 ONSEMI-TIG058E8 Datasheet
380Kb / 7P
   N-Channel IGBT
September, 2013
NGTB20N60L2TF1G ONSEMI-NGTB20N60L2TF1G Datasheet
444Kb / 8P
   N-Channel IGBT
August, 2013
logo
Fairchild Semiconductor
SGH23N60UF FAIRCHILD-SGH23N60UF Datasheet
246Kb / 7P
   N-CHANNEL IGBT
logo
ON Semiconductor
TIG065E8 ONSEMI-TIG065E8 Datasheet
485Kb / 8P
   N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com