Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSX-XSX3-PCN Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DSX-XSX3-PCN
Description  High brightness surface mount LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSX-XSX3-PCN Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DSX-XSX3-PCN Datasheet HTML 1Page - DOMINANT Semiconductors DSX-XSX3-PCN Datasheet HTML 2Page - DOMINANT Semiconductors DSX-XSX3-PCN Datasheet HTML 3Page - DOMINANT Semiconductors DSX-XSX3-PCN Datasheet HTML 4Page - DOMINANT Semiconductors DSX-XSX3-PCN Datasheet HTML 5Page - DOMINANT Semiconductors DSX-XSX3-PCN Datasheet HTML 6Page - DOMINANT Semiconductors DSX-XSX3-PCN Datasheet HTML 7Page - DOMINANT Semiconductors DSX-XSX3-PCN Datasheet HTML 8Page - DOMINANT Semiconductors DSX-XSX3-PCN Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
21/06/2012 V13.0
3
InGaN : DSx-xSx
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping
Wavelength distribution (nm)
Color
DSB;Blue
DST; True Green
Full
W
X
Y
Full
W
X
Y
Z
464 - 476
464 - 468
468 - 472
472 - 476
520 - 536
520 - 524
524 - 528
528 - 532
532 - 536
Electrical Characteristics at Ta=25˚C
Vr @ Ir = 10uA
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.005)
Reverse voltage
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
20
200
5
2
125
-40 … +100
-40 … +100
80
mA
mA
V
kV
˚C
˚C
˚C
mW
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - DSX-XSX3-PCN

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DSX-XSX DOMINANT-DSX-XSX Datasheet
1Mb / 14P
   Right Angle DomiLED
DSX-XSX-PCN DOMINANT-DSX-XSX-PCN Datasheet
894Kb / 13P
   High brightness surface mount LED
More results

Similar Description - DSX-XSX3-PCN

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSO-SSS-C10 BRIGHT-BL-PSO-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-SSS-C20 BRIGHT-BL-PSR-SSS-C20 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSY-CSS-C10 BRIGHT-BL-PSY-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
BL-PDB-UJS-C10 BRIGHT-BL-PDB-UJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
logo
DOMINANT Semiconductors
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
   High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
   High brightness surface mount LED
DWF-LJG DOMINANT-DWF-LJG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
   High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com