Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCH1433 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SCH1433
Description  Single N-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCH1433 Datasheet(HTML) 2 Page - ON Semiconductor

  SCH1433 Datasheet HTML 1Page - ON Semiconductor SCH1433 Datasheet HTML 2Page - ON Semiconductor SCH1433 Datasheet HTML 3Page - ON Semiconductor SCH1433 Datasheet HTML 4Page - ON Semiconductor SCH1433 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SCH1433
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS at Ta
= 25°C (Note 2)
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
Drain to Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
20
V
Zero-Gate Voltage Drain Current
IDSS
VDS=20V, VGS=0V
1
μA
Gate to Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
μA
Gate Threshold Voltage
VGS(th)
VDS=10V, ID=1mA
0.4
1.3
V
Forward Transconductance
gFS
VDS=10V, ID=1.5A
1.68
2.8
S
Static Drain to Source On-State
Resistance
RDS(on)1
ID=1.5A, VGS=4.5V
49
64
m
Ω
RDS(on)2
ID=1A, VGS=2.5V
68
95
m
Ω
RDS(on)3
ID=0.5A, VGS=1.8V
99
149
m
Ω
Input Capacitance
Ciss
VDS=10V, f=1MHz
260
pF
Output Capacitance
Coss
65
pF
Reverse Transfer Capacitance
Crss
50
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
6.2
ns
Rise Time
tr
19
ns
Turn-OFF Delay Time
td(off)
30
ns
Fall Time
tf
28
ns
Total Gate Charge
Qg
VDS=15V, VGS=4.5V, ID=3.5A
2.8
nC
Gate to Source Charge
Qgs
0.6
nC
Gate to Drain “Miller” Charge
Qgd
0.9
nC
Forward Diode Voltage
VSD
IS=3.5A, VGS=0V
0.85
1.2
V
Note 2 : Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted.
Product performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Switching Time Test Circuit
\
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID=1.5A
RL=6.67Ω
VDD=10V
VOUT
SCH1433
VIN
4.5V
0V
VIN


Similar Part No. - SCH1433

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SCH1433 SANYO-SCH1433 Datasheet
288Kb / 4P
   General-Purpose Switching Device Applications
More results

Similar Description - SCH1433

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS6H800N ONSEMI-NTMFS6H800N Datasheet
141Kb / 6P
   MOSFET ??Power, Single, N-Channel
May, 2019 ??Rev. 1
CPH3448 ONSEMI-CPH3448 Datasheet
709Kb / 5P
   Single N-Channel Power MOSFET
July, 2014
MCH6431 ONSEMI-MCH6431 Datasheet
382Kb / 5P
   Single N-Channel Power MOSFET
March 2015 - Rev. 3
NTMFS6B03N ONSEMI-NTMFS6B03N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
February, 2015 ??Rev. 1
NVTFS4C08N ONSEMI-NVTFS4C08N Datasheet
92Kb / 6P
   Single N- Channel Power MOSFET
July, 2014 ??Rev. 1
NVMFS6B14N ONSEMI-NVMFS6B14N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVMFS5C426NL ONSEMI-NVMFS5C426NL Datasheet
186Kb / 7P
   MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 1
NVMFS6H864N ONSEMI-NVMFS6H864N Datasheet
189Kb / 7P
   MOSFET - Power, Single N-Channel
June, 2020 ??Rev. 2
NTMFS005N10MCL ONSEMI-NTMFS005N10MCL Datasheet
137Kb / 6P
   MOSFET ??Power, Single N-Channel
November, 2020 ??Rev. 0
CPH3459 ONSEMI-CPH3459 Datasheet
462Kb / 5P
   Single N-Channel Power MOSFET
August, 2014
SCH1435 ONSEMI-SCH1435 Datasheet
523Kb / 5P
   Single N-Channel Power MOSFET
August 2015 - Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com