Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS6B05NLWFT3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVMFS6B05NLWFT3G
Description  Single N?묬hannel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS6B05NLWFT3G Datasheet(HTML) 3 Page - ON Semiconductor

  NVMFS6B05NLWFT3G Datasheet HTML 1Page - ON Semiconductor NVMFS6B05NLWFT3G Datasheet HTML 2Page - ON Semiconductor NVMFS6B05NLWFT3G Datasheet HTML 3Page - ON Semiconductor NVMFS6B05NLWFT3G Datasheet HTML 4Page - ON Semiconductor NVMFS6B05NLWFT3G Datasheet HTML 5Page - ON Semiconductor NVMFS6B05NLWFT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NVMFS6B05NL
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
3.0
1.0
0
0
20
100
5
4
2
1
0
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE VOLTAGE (V)
ID, DRAIN CURRENT (A)
9.0
8.0
7.0
10
7.5
6.5
6.0
4.5
4
12
25
30
20
15
8
10
4
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
150
125
100
75
25
0
−25
−50
0.8
1.2
100
50
40
30
20
10
10K
4.5 V
4.0 V
VDS ≤ 10 V
TJ = 25°C
TJ = 125°C
TJ = −55°C
10
ID = 20 A
TJ = 25°C
VGS = 6.0 V
TJ = 25°C
VGS = 10 V
50
ID = 20 A
VGS = 10 V
TJ = 25°C
TJ = 125°C
3
6
14
1.0
0.4
1.4
18
120
10
7.0 V
2.0
0
40
100
80
140
20
120
20
6
1.8
2.0
60
80
15
2.5
5.5 V
VGS = 10 V
40
140
60
5.0
45
50
35
40
0.6
100
10
1
0.5
1.5
5.5
8.5
9.5
8
16
12
14
1.6
TJ = 150°C
1K
100K
6.5 V
5.0 V
6.0 V
67
7
9
5
11
13
60
70
80
90
175


Similar Part No. - NVMFS6B05NLWFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS6B05N ONSEMI-NVMFS6B05N Datasheet
83Kb / 6P
   Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVMFS6B05NT1G ONSEMI-NVMFS6B05NT1G Datasheet
83Kb / 6P
   Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVMFS6B05NT3G ONSEMI-NVMFS6B05NT3G Datasheet
83Kb / 6P
   Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVMFS6B05NWFT1G ONSEMI-NVMFS6B05NWFT1G Datasheet
83Kb / 6P
   Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVMFS6B05NWFT3G ONSEMI-NVMFS6B05NWFT3G Datasheet
83Kb / 6P
   Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
More results

Similar Description - NVMFS6B05NLWFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com