Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS5833NWFT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVMFS5833NWFT1G
Description  Single N?묬hannel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5833NWFT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NVMFS5833NWFT1G Datasheet HTML 1Page - ON Semiconductor NVMFS5833NWFT1G Datasheet HTML 2Page - ON Semiconductor NVMFS5833NWFT1G Datasheet HTML 3Page - ON Semiconductor NVMFS5833NWFT1G Datasheet HTML 4Page - ON Semiconductor NVMFS5833NWFT1G Datasheet HTML 5Page - ON Semiconductor NVMFS5833NWFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
September, 2014 − Rev. 1
1
Publication Order Number:
NVMFS5833N/D
NVMFS5833N
Power MOSFET
40 V, 7.5 m
W, 86 A, Single N−Channel,
SO−8FL
Features
Low RDS(on)
Low Capacitance
Optimized Gate Charge
AEC−Q101 Qualified and PPAP Capable
NVMFS5833NWF − Wettable Franks Option for Enhanced Optical
Inspection
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
40
V
Gate−to−Source Voltage
VGS
"20
V
Continuous Drain Cur-
rent RYJ−mb
(Notes 1, 2, 3 & 4)
Steady
State
Tmb = 25°C
ID
86
A
Tmb = 100°C
61
Power Dissipation
RYJ−mb (Notes 1, 2, 3)
Tmb = 25°C
PD
112
W
Tmb = 100°C
56
Continuous Drain Cur-
rent RqJA
(Notes 1, 3 & 4)
Steady
State
TA = 25°C
ID
16
A
TA = 100°C
11
Power Dissipation
RqJA (Notes 1 & 3)
TA = 25°C
PD
3.7
W
TA = 100°C
1.8
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
324
A
Operating Junction and Storage Temperature
TJ, Tstg
− 55 to
175
°C
Source Current (Body Diode)
IS
86
A
Single Pulse Drain−to−Source Avalanche
Energy (TJ = 25°C, IL(pk) = 36 A, L = 0.1 mH)
EAS
65
mJ
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Mounting Board (top) − Steady
State (Notes 2, 3)
RYJ−mb
1.3
°C/W
Junction−to−Ambient − Steady State (Note 3)
RqJA
41
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Psi (
Y) is used as required per JESD51−12 for packages in which
substantially less than 100% of the heat flows to single case surface.
3. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
4. Continuous DC current rating. Maximum current for pulses as long as
1 second are higher but are dependent on pulse duration and duty cycle/
SO−8 FLAT LEAD
CASE 488AA
STYLE 1
MARKING DIAGRAM
http://onsemi.com
5833
= Specific Device Code
xx
= N (NVMFS5833N) or
= WF (NVMFS5833NWF)
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
5833xx
AYWZZ
1
V(BR)DSS
RDS(ON) MAX
ID MAX
40 V
7.5 m
W @ 10 V
86 A
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5)
Device
Package
Shipping
ORDERING INFORMATION
NVMFS5833NT1G
SO−8FL
(Pb−Free)
1500 /
Tape & Reel
NVMFS5833NT3G
SO−8FL
(Pb−Free)
5000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
S
S
S
G
D
D
D
D
NVMFS5833NWFT1G
SO−8FL
(Pb−Free)
1500 /
Tape & Reel
NVMFS5833NWFT3G
SO−8FL
(Pb−Free)
5000 /
Tape & Reel


Similar Part No. - NVMFS5833NWFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5830NL ONSEMI-NVMFS5830NL Datasheet
116Kb / 6P
   40 V, 2.3 m, 185 A, Single N?묬hannel
May, 2012 ??Rev. 0
NVMFS5830NL ONSEMI-NVMFS5830NL Datasheet
111Kb / 6P
   Power MOSFET 40 V, 2.3 m, 185 A, Single N.Channel
March, 2013 ??Rev. 1
NVMFS5830NLT1G ONSEMI-NVMFS5830NLT1G Datasheet
116Kb / 6P
   40 V, 2.3 m, 185 A, Single N?묬hannel
May, 2012 ??Rev. 0
NVMFS5830NLT1G ONSEMI-NVMFS5830NLT1G Datasheet
111Kb / 6P
   Power MOSFET 40 V, 2.3 m, 185 A, Single N.Channel
March, 2013 ??Rev. 1
NVMFS5830NLT3G ONSEMI-NVMFS5830NLT3G Datasheet
116Kb / 6P
   40 V, 2.3 m, 185 A, Single N?묬hannel
May, 2012 ??Rev. 0
More results

Similar Description - NVMFS5833NWFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com