Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS5C673NL Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVMFS5C673NL
Description  Single N?묬hannel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5C673NL Datasheet(HTML) 3 Page - ON Semiconductor

  NVMFS5C673NL Datasheet HTML 1Page - ON Semiconductor NVMFS5C673NL Datasheet HTML 2Page - ON Semiconductor NVMFS5C673NL Datasheet HTML 3Page - ON Semiconductor NVMFS5C673NL Datasheet HTML 4Page - ON Semiconductor NVMFS5C673NL Datasheet HTML 5Page - ON Semiconductor NVMFS5C673NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NVMFS5C673NL
www.onsemi.com
3
TYPICAL CHARACTERISTICS
0
10
15
40
0
1.0
2.0
2.5
3.0
4.0
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 125°C
TJ = 25°C
TJ = −55°C
TJ = 25°C
ID = 25 A
TJ = 25°C
VGS = 4.5 V
VGS = 10 V
VGS = 10 V
ID = 25 A
TJ = 125°C
TJ = 85°C
VDS = 3 V
TJ = 175°C
VGS = 3.6 V to 10 V
2.6 V
3.0 V
0
5
20
30
40
0
0.5
1.5
2.0
2.5
3.2 V
5
10
15
20
25
30
35
40
3
456
8
9
10
20
0
30
50
100
14
16
10
8
6
60
0.50
2.25
−50
−25
0
25
50
75
100
125
150
175
1000
10,000
100,000
515
35
55
10
15
25
35
35
25
7
18
10
20
70
80
0.75
1.00
1.25
1.50
1.75
2.00
25
45
2.4 V
3.5
1.5
0.5
12
100
10
1
1.0
2.8 V
30
20
5
40
90
10
30
50
20
40


Similar Part No. - NVMFS5C673NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5C673NL ONSEMI-NVMFS5C673NL Datasheet
134Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 1
NVMFS5C673NLAFT1G ONSEMI-NVMFS5C673NLAFT1G Datasheet
134Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 1
NVMFS5C673NLT1G ONSEMI-NVMFS5C673NLT1G Datasheet
134Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 1
NVMFS5C673NLT3G ONSEMI-NVMFS5C673NLT3G Datasheet
134Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 1
NVMFS5C673NLWFAFT1G ONSEMI-NVMFS5C673NLWFAFT1G Datasheet
134Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 1
More results

Similar Description - NVMFS5C673NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com