Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNW-JJG-I1 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DNW-JJG-I1
Description  High brightness surface mount LED
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DNW-JJG-I1 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DNW-JJG-I1 Datasheet HTML 1Page - DOMINANT Semiconductors DNW-JJG-I1 Datasheet HTML 2Page - DOMINANT Semiconductors DNW-JJG-I1 Datasheet HTML 3Page - DOMINANT Semiconductors DNW-JJG-I1 Datasheet HTML 4Page - DOMINANT Semiconductors DNW-JJG-I1 Datasheet HTML 5Page - DOMINANT Semiconductors DNW-JJG-I1 Datasheet HTML 6Page - DOMINANT Semiconductors DNW-JJG-I1 Datasheet HTML 7Page - DOMINANT Semiconductors DNW-JJG-I1 Datasheet HTML 8Page - DOMINANT Semiconductors DNW-JJG-I1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
21/05/2015 V6.0
2
InGaN White: DNW-JJG-I1
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ IF = 10mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 3000 units per reel.
2. Other luminous intensity groups are also available upon request.
3. Luminous intensity is measured with an accuracy of ± 11%.
4. Color binning is carried for all units as per the color binning table. Only one color group is allowed for each reel.
DNW-JJG-M2P1-1-I1
DNW-JJG-M2P1-FKPL-I1
White
White
120
120
22.4
22.4
Vr @ Ir = 10 µA
Electrical Characteristics at Tj=250C
Vf @ If = 10 mA
3.7
5.0
Forward Voltage, Vf is measured with an accuracy of ± 0.1 V.
Part Number
Min. (V)
Typ. (V)
Max. (V)
Min. (V)
DNW-JJG
3.0
4.5
Optical Characteristics at Tj=250C
Min.
Typ.
Max.
35.5
35.5
56.0
56.0
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.005)
Reverse voltage
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
Thermal resistance
- Junction / ambient, Rth JA
- Junction / solder point, Rth JS
(Mounting on FR4 PCB, pad size >= 16 mm2 per pad)
20
200
5
2000
125
-40 … +100
-40 … +100
85
480
230
mA
mA
V
V
˚C
˚C
˚C
mW
K/W
K/W
DOMINANT
Opto Technologies
Innovating Illumination
TM
Not for new design


Similar Part No. - DNW-JJG-I1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DNW-CJG-I1 DOMINANT-DNW-CJG-I1 Datasheet
1Mb / 18P
   High brightness surface mount LED
DNW-DJG DOMINANT-DNW-DJG Datasheet
918Kb / 18P
   High brightness surface mount LED
DNW-DJG-I5 DOMINANT-DNW-DJG-I5 Datasheet
963Kb / 18P
   High brightness surface mount LED
DNW-PJG DOMINANT-DNW-PJG Datasheet
1Mb / 18P
   High brightness surface mount LED
DNW-PJG-F1P5 DOMINANT-DNW-PJG-F1P5 Datasheet
1Mb / 17P
   High brightness surface mount LED
More results

Similar Description - DNW-JJG-I1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSO-SSS-C10 BRIGHT-BL-PSO-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-SSS-C20 BRIGHT-BL-PSR-SSS-C20 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSY-CSS-C10 BRIGHT-BL-PSY-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
BL-PDB-UJS-C10 BRIGHT-BL-PDB-UJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
logo
DOMINANT Semiconductors
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
   High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
   High brightness surface mount LED
DWF-LJG DOMINANT-DWF-LJG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
   High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com