Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNW-CJG-I1 Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # DNW-CJG-I1
Description  High brightness surface mount LED
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DNW-CJG-I1 Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  DNW-CJG-I1 Datasheet HTML 1Page - DOMINANT Semiconductors DNW-CJG-I1 Datasheet HTML 2Page - DOMINANT Semiconductors DNW-CJG-I1 Datasheet HTML 3Page - DOMINANT Semiconductors DNW-CJG-I1 Datasheet HTML 4Page - DOMINANT Semiconductors DNW-CJG-I1 Datasheet HTML 5Page - DOMINANT Semiconductors DNW-CJG-I1 Datasheet HTML 6Page - DOMINANT Semiconductors DNW-CJG-I1 Datasheet HTML 7Page - DOMINANT Semiconductors DNW-CJG-I1 Datasheet HTML 8Page - DOMINANT Semiconductors DNW-CJG-I1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
0.2
0.22
0.24
0.26
0.28
0.3
0.32
0.34
0.36
0.38
0.4
0.42
0.25
0.27
0.29
0.31
0.33
0.35
0.37
0.39
4L
4K
5L
5K
6L
6K
7L
7K
8L
8K
3K
3L
5
DOMINANT
Opto Technologies
Innovating Illumination
TM
DNW-CJG-I1 (3K8L), Color Bin Structure
Chromaticity coordinate groups are measured with an accuracy of ± 0.01.
Color Bin Structure
1
Bin
3K
3L
4K
4L
5K
5L
6K
6L
7K
7L
8K
8L
0.273
0.227
0.266
0.232
0.286
0.244
0.280
0.252
0.296
0.259
0.291
0.268
0.313
0.284
0.310
0.297
0.330
0.310
0.330
0.330
0.352
0.344
0.345
0.352
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
1
2
3
4
0.280
0.252
0.273
0.261
0.291
0.268
0.285
0.279
0.310
0.297
0.307
0.312
0.330
0.330
0.330
0.347
0.338
0.342
0.347
0.371
0.364
0.380
0.367
0.401
0.266
0.232
0.258
0.239
0.280
0.252
0.273
0.261
0.291
0.268
0.285
0.279
0.310
0.297
0.307
0.312
0.330
0.330
0.330
0.347
0.338
0.342
0.347
0.371
0.286
0.244
0.280
0.252
0.296
0.259
0.291
0.268
0.313
0.284
0.310
0.297
0.330
0.310
0.330
0.330
0.352
0.344
0.345
0.352
0.360
0.357
0.364
0.380
03/03/2015 V7.0
InGaN White: DNW-CJG-I1
InGaN wavelength is very sensitive to drive current. Operating at lower current is not recommended and may yield unpredictable performance.
Current pulsing should be used for dimming purposes.
For this color bin selection, part number will be DNW-CJG-xxxx-3K8L-I1


Similar Part No. - DNW-CJG-I1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DNW-DJG DOMINANT-DNW-DJG Datasheet
918Kb / 18P
   High brightness surface mount LED
DNW-DJG-I5 DOMINANT-DNW-DJG-I5 Datasheet
963Kb / 18P
   High brightness surface mount LED
DNW-JJG-I1 DOMINANT-DNW-JJG-I1 Datasheet
1,007Kb / 18P
   High brightness surface mount LED
DNW-PJG DOMINANT-DNW-PJG Datasheet
1Mb / 18P
   High brightness surface mount LED
DNW-PJG-F1P5 DOMINANT-DNW-PJG-F1P5 Datasheet
1Mb / 17P
   High brightness surface mount LED
More results

Similar Description - DNW-CJG-I1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSO-SSS-C10 BRIGHT-BL-PSO-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-SSS-C20 BRIGHT-BL-PSR-SSS-C20 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSY-CSS-C10 BRIGHT-BL-PSY-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
BL-PDB-UJS-C10 BRIGHT-BL-PDB-UJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
logo
DOMINANT Semiconductors
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
   High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
   High brightness surface mount LED
DWF-LJG DOMINANT-DWF-LJG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
   High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com