Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR3417-UB Datasheet(PDF) 1 Page - AUK corp

Part # SR3417-UB
Description  High Brightness LED Lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SR3417-UB Datasheet(HTML) 1 Page - AUK corp

  SR3417-UB Datasheet HTML 1Page - AUK corp SR3417-UB Datasheet HTML 2Page - AUK corp SR3417-UB Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KLR-2001-000
1
SR3417-U / SR3417-U(B)
High Brightness LED Lamp
Features
• Red Colored lens type
• φ3mm(T-1) all plastic mold type
• Ultra luminosity
• Low power consumption
Outline Dimensions
unit : mm
PIN Connections
1.Anode
2.Cathode
STRAIGHT TYPE
STOPPER TYPE
S
Seem
miiccoon
nd
du
uccttoorr
23.0MIN
23.0MIN
1.0MIN
3.6±0.2
3.6±0.2
2.54 NOM
3.8±0.2
1 2
1.0MIN
3.8±0.2
2
1
2.54 NOM
5.3±0.2
5.3±0.2
3.0±0.2
0.4
0.4
2.9±0.2
5.2±0.5
2.9±0.2
3.0±0.2


Similar Part No. - SR3417-UB

ManufacturerPart #DatasheetDescription
logo
AUK corp
SR3417-V AUK-SR3417-V Datasheet
203Kb / 3P
   High Brightness LED Lamp
logo
KODENSHI_AUK CORP.
SR3417-V KODENSHI-SR3417-V Datasheet
244Kb / 3P
   LAMP LED
logo
AUK corp
SR3417-VB AUK-SR3417-VB Datasheet
203Kb / 3P
   High Brightness LED Lamp
More results

Similar Description - SR3417-UB

ManufacturerPart #DatasheetDescription
logo
AUK corp
SY3418-E AUK-SY3418-E Datasheet
151Kb / 4P
   High Brightness LED Lamp
logo
LUXPIA
LBH3030 LUXPIA-LBH3030 Datasheet
103Kb / 6P
   High Brightness LED Lamp
LWH3000 LUXPIA-LWH3000 Datasheet
228Kb / 7P
   High Brightness LED Lamp
LCH5020 LUXPIA-LCH5020 Datasheet
201Kb / 6P
   High Brightness LED Lamp
logo
AUK corp
SPG3317-H AUK-SPG3317-H Datasheet
190Kb / 4P
   High Brightness LED Lamp
SPG3317-I AUK-SPG3317-I Datasheet
188Kb / 4P
   High Brightness LED Lamp
SW3318G AUK-SW3318G Datasheet
323Kb / 5P
   High Brightness LED Lamp
SY3318-V AUK-SY3318-V Datasheet
166Kb / 3P
   High Brightness LED Lamp
SY5311-V AUK-SY5311-V Datasheet
201Kb / 3P
   High Brightness LED Lamp
SM5427-H AUK-SM5427-H Datasheet
213Kb / 3P
   High Brightness LED Lamp
SR5427-U AUK-SR5427-U Datasheet
220Kb / 3P
   High Brightness LED Lamp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com