Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJESD6V2LC-4-AU Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJESD6V2LC-4-AU
Description  Based on the electrostatic discharge immunity test
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJESD6V2LC-4-AU Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJESD6V2LC-4-AU Datasheet HTML 1Page - Pan Jit International Inc. PJESD6V2LC-4-AU Datasheet HTML 2Page - Pan Jit International Inc. PJESD6V2LC-4-AU Datasheet HTML 3Page - Pan Jit International Inc. PJESD6V2LC-4-AU Datasheet HTML 4Page - Pan Jit International Inc. PJESD6V2LC-4-AU Datasheet HTML 5Page - Pan Jit International Inc. PJESD6V2LC-4-AU Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
PJESD6V2LC-4-AU SERIES
November 18,2013
Document Number : 071220
FEATURES
• Based on the electrostatic discharge immunity test (IEC61000-4-2),
the product assures the minmum endurance of 8kV.
• Capacitance is small with 10pF (at VR=0V,f=1MHz) between the
terminal. It is excellent in the frequency characteristic.
• With 4 elements mouted (common anode) in the 5-pin mini mold
package, that product can cope with high density assembling.
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2011/65/EU directives
• Green molding compound as per IEC61249 Std. .
(Halogen Free)
MECHANICAL DATA
Case : SOT-23 5L, Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Approx. Weight : 0.015 gram
MAXIMUM RATINGS
12
3
4
6
ELECTRICAL CHARACTERISITCS
g
n
i
t
a
Rl
o
b
m
y
Se
u
l
a
Vt
i
n
U
n
o
i
t
a
p
i
s
s
i
D
k
a
e
PP
0
0
2W
m
r
e
w
o
P
e
s
r
e
v
e
R
e
g
r
u
SPRSM
2W
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OTJ T
, STG
0
5
1
o
t
5
5
-
OC
Part Number
B rea kd own Vo ltag e
V BR
Dynamic
impedance ZZ

Reverse
LeakagE IR(
A)
Capacitance Ct(p F )
ESD Voltage (kV)
Marking
Code
M IN.
MAX.
It
V
V
mA
MAX.
IT(mA )
MAX.
VR(V)
TYP.
Te s t
Co nd iti o n
MIN.
Te s t Co nd itio n
PJESD6V2LC-4-AU
5.89
6.51
1
50
5
0.5
4.3
8
VR=0V
f=1MHZ
8
C=150pF
R=300
Contact
discharge
SAU
PJESD6V8LC-4-AU
6.37
7.04
1
30
5
0.5
5
7
8
SAV


Similar Part No. - PJESD6V2LC-4-AU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJESD6V2LC-4 PANJIT-PJESD6V2LC-4 Datasheet
262Kb / 4P
   Low capacitance TVS arrays for ESD protection
PJESD6V2LC-4W PANJIT-PJESD6V2LC-4W Datasheet
213Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
More results

Similar Description - PJESD6V2LC-4-AU

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
EC10DA40 NIEC-EC10DA40 Datasheet
30Kb / 2P
   ELECTROSTATIC DISCHARGE REINFORCEMENT TYPE
logo
STMicroelectronics
AN1181 STMICROELECTRONICS-AN1181 Datasheet
64Kb / 7P
   ELECTROSTATIC DISCHARGE SENSITIVITY MEASUREMENT
logo
List of Unclassifed Man...
EP05DA40 ETC-EP05DA40 Datasheet
28Kb / 2P
   ELECTROSTATIC DISCHARGE REINFORCEMENT TYPE
logo
Guangdong Youtai Semico...
PESD5V0S1BA UMW-PESD5V0S1BA Datasheet
242Kb / 5P
   Low capacitance ElectroStatic Discharge
logo
Richtek Technology Corp...
RT9025 RICHTEK-RT9025 Datasheet
34Kb / 2P
   The ESD tests are used to classify the electrostatic discharge of microcircuits.
RT8202 RICHTEK-RT8202 Datasheet
34Kb / 2P
   The ESD tests are used to classify the electrostatic discharge of microcircuits.
logo
Socay Electornics Co., ...
ESD05V88D-LC SOCAY-ESD05V88D-LC Datasheet
714Kb / 6P
   Electrostatic Discharge Protection Devices (ESD)
logo
Fairchild Semiconductor
AN-248 FAIRCHILD-AN-248 Datasheet
56Kb / 3P
   Electrostatic Discharge Prevention-Input Protection
logo
STMicroelectronics
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
   Amplifier based on the TS4990IQT
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
   Plethysmograph based on the TS507
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com